Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJWI20-24S05 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

No. de pieza MJWI20-24S05
Descripción Electrónicos  DC/DC CONVERTER 20W, Highest Power Density
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINMAX [Minmax Technology Co., Ltd.]
Página de inicio  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI20-24S05 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

  MJWI20-24S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI20-24S05 Datasheet HTML 9Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:12
Page 6 of 9
®
Efficiency Curve @25
MJWI20-48S12 Efficiency vs Load Current
MJWI20-48S15 Efficiency vs Load Current
MJWI20-48D12 Efficiency vs Load Current
MJWI20-48D15 Efficiency vs Load Current
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement bandwidth is 20 MHz, measured with a 1μF MLCC and a 10μF Tantalum Capatitor.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
The MJWI20 series can meet EN55022 Class A with parallel an external LC Filter to the input pins. Please refer to Test Configurations on the last page.
7
To order the converter with heatsink, please add a suffix -HS (e.g. MJWI20-24S05-HS) to order code.
8
Specifications are subject to change without notice.
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V


Número de pieza similar - MJWI20-24S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
MJWI20-24S05 TOTAL-POWER-MJWI20-24S05 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
More results

Descripción similar - MJWI20-24S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com