Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2-1393030-2 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 2-1393030-2
Descripción Electrónicos  ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393030-2 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393030-2 Datasheet HTML 1Page - Tyco Electronics 2-1393030-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Sample Part Number
SSRT -240
D
1. Basic Series:
2. Line Voltage:
3. Input Type & Voltage:
SSRT = “hockey puck” triac output solid state relay
10
4. Maximum Switching Rating:
240 = 24 - 280 VAC
A = 90 - 280 VAC linear
D = 3 - 32 VDC constant current
10 = .1 - 10A rms, mounted to heatsink
25 = .1 - 25A rms, mounted to heatsink
Ordering Information
File E29244
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Engineering Data
Form: 1 Form A (SPST-NO).
Duty: Continuous.
Isolation: 4000V rms minimum, input - output.
Capacitance: 8.0 pf typical (input to output).
Temperature Range:
Storage: –40°C to +100°C
Operating Temperature: –20°C to + 80°C
Case Material: Plastic, UL rated 94V-0.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: 3.5 oz. (98g).
Features
• Standard “hockey puck” package.
• Enhanced noise immunity (designed to meet level 3 requirements of
European EMC Directive).
• LED indicator.
• Floating terminal design.
• Low cost snubberless triac outputs.
• 10A & 25A rms versions.
• AC & DC input versions.
• 4000V rms isolation.
Input Specifications
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRT-240A10
SSRT-240A25
SSRT-240D10
SSRT-240D25
Parameter
Control Voltage Range V
Must Release Voltage V
(Min.)
Input Current (Max.)
AC Input/AC Output
90 - 280VAC
10VAC
90VAC
8.5mA
3 - 32VDC
3VDC
1VDC
14mA
DC Input/AC Output
Must Operate Voltage V
(Max.)
IN
IN(OP)
IN(REL)
SSRT series
“Hockey Puck”
Solid State Relay With
Snubberless Triac Output


Número de pieza similar - 2-1393030-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Paired SCR Output
More results

Descripción similar - 2-1393030-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
SSRT-240D25 MACOM-SSRT-240D25 Datasheet
210Kb / 2P
   Hockey Puck Solid State Relay With Snubberless Triac Output
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Paired SCR Output
logo
American Zettler, Inc.
SGX-1505FB AZETTLER-SGX-1505FB Datasheet
338Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
SG-34F AZETTLER-SG-34F Datasheet
387Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
logo
Picker Components
PCT PICKER-PCT Datasheet
222Kb / 2P
   Triac Output Solid State Relay
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Toshiba Semiconductor
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com