Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJD-2V16W2P4 Datasheet(PDF) 2 Page - Seoul Semiconductor

No. de pieza SMJD-2V16W2P4
Descripción Electrónicos  Acrich2 16W Down Light Connect using a AIC directly to AC power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-2V16W2P4 Datasheet(HTML) 2 Page - Seoul Semiconductor

  SMJD-2V16W2P4 Datasheet HTML 1Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 2Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 3Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 4Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 5Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 6Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJD-2V16W2P4 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Acrich2 16W Down Light
Acrich2
Acrich 2 series designed for AC drive(or operation) doesn't need
the converter which is essential for conventional general lighting.
Also, its high power factor can show best energy saving effect in
many lighting applications.
As there is no need of converter, Acrich 2 series can realize as
Description
Connect using a AIC
directly to AC power
High Power Efficiency
• High Power Factor
• Low THD
Long Life Time
Simplest BOM
Miniaturization
• Lead Free product
• RoHS compliant
Features
Applications
Rev. 00
Rev. 00
March 2013
March 2013
www.Acrich.com
www.Acrich.com
2
* The appearance and specifications of the product can be changed
for improvement without notice.
As there is no need of converter, Acrich 2 series can realize as
close life-time as original LED and make a better use of a space
in many applications.
Applications
• Down Light


Número de pieza similar - SMJD-2V16W2P4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
   Acrich2 120V 17W Module
Rev. 00 Nov. 2012
More results

Descripción similar - SMJD-2V16W2P4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJD-3V16W2P4 SEOUL-SMJD-3V16W2P4 Datasheet
439Kb / 15P
   Acrich2 16W Down Light Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com