Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMJD-3V16W2P3 Datasheet(PDF) 5 Page - Seoul Semiconductor |
|
SMJD-3V16W2P3 Datasheet(HTML) 5 Page - Seoul Semiconductor |
5 / 14 page Rev. 00 Nov. 2012 www.Acrich.com 5 1-2 Absolute Maximum Ratings Parameter Symbol Value Unit Max. Voltage v opt 264 V[RMS] Power Dissipation P d 23.0 W Operating Temperature T opr -30 ~ 85 ºC Storage Temperature T stg -40 ~ 100 ºC ESD Sensitivity - ±4,000V HBM - Parameter Symbol Value Unit Min Typ Max Luminous Flux [1] Ф V [2] 1260 1400 - lm Correlated Color Temperature [3] CCT - 2700 - K CRI R a 80 83.5 - - Operating Voltage [4] v opt 220 Vrms Power Dissipation P D 17 - - W Operating Frequency Freq 50 / 60 Hz Power Factor PF Over 0.97 - View Angle 2Θ 1/2 120 deg. 1-1-3. Electro-Optical characteristics of SMJD-3V16W2P3 – 2700K * Notes : [1] At 220V RMS, Ta=25ºC Acrich 2 series maintain the tolerance of 10% on flux and power measurements. [2] Ф V is the total luminous flux output measured with an integrated sphere. [3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. [4] ‘Operating Voltage' doesn't indicate the maximum voltage which customers use but means tolerable voltage according to each country’s voltage variation rate. It is recommended that the solder pad temperature should be below 70℃. |
Número de pieza similar - SMJD-3V16W2P3 |
|
Descripción similar - SMJD-3V16W2P3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |