Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJE-3V12W2P4 Datasheet(PDF) 9 Page - Seoul Semiconductor

No. de pieza SMJE-3V12W2P4
Descripción Electrónicos  Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-3V12W2P4 Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SMJE-3V12W2P4 Datasheet HTML 5Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 6Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 7Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 8Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 9Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 10Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 11Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 12Page - Seoul Semiconductor SMJE-3V12W2P4 Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
5. Color & Binning
ANSI-Color Bin
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
2600K
2700K
2900K
3000K
3200K
4700K
5000K
5300K
C0
C1
C2
C3
C4
C5
G0
G1
G2
G3
G4
G5
H0
H1
H2
H3
H4
H5
Rev. 00
Rev. 00
March 2013
March 2013
www.Acrich.com
www.Acrich.com
9
▷ COLOR RANK
Rank
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
C
C0
X1
0.3376
Y1
0.3616
C1
X1
0.3463
Y1
0.3687
C2
X1
0.3373
Y1
0.3534
X2
0.3373
Y2
0.3534
X2
0.3456
Y2
0.3601
X2
0.3369
Y2
0.3451
X3
0.3456
Y3
0.3601
X3
0.3539
Y3
0.3669
X3
0.3448
Y3
0.3514
X4
0.3463
Y4
0.3687
X4
0.3552
Y4
0.3760
X4
0.3456
Y4
0.3601
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
C3
X1
0.3456
Y1
0.3601
C4
X1
0.3369
Y1
0.3451
C5
X1
0.3448
Y1
0.3514
X2
0.3448
Y2
0.3514
X2
0.3366
Y2
0.3369
X2
0.3440
Y2
0.3428
X3
0.3526
Y3
0.3578
X3
0.3440
Y3
0.3428
X3
0.3514
Y3
0.3487
X4
0.3539
Y4
0.3669
X4
0.3448
Y4
0.3514
X4
0.3526
Y4
0.3578
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.28
CIE X


Número de pieza similar - SMJE-3V12W2P4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMJE-3V12W1P3 ETC2-SMJE-3V12W1P3 Datasheet
634Kb / 17P
   Acrich 2 series designed for...
logo
Seoul Semiconductor
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results

Descripción similar - SMJE-3V12W2P4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJE-1V12W1P2 SEOUL-SMJE-1V12W1P2 Datasheet
729Kb / 15P
   Acrich2 - 100V 13W Bulb Connect using a AIC directly to AC power
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJC-3V08W2P4 SEOUL-SMJC-3V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com