Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJE-1V04W1P2 Datasheet(PDF) 10 Page - Seoul Semiconductor

No. de pieza SMJE-1V04W1P2
Descripción Electrónicos  Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-1V04W1P2 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button SMJE-1V04W1P2 Datasheet HTML 6Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 7Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 8Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 9Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 10Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 11Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 12Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 13Page - Seoul Semiconductor SMJE-1V04W1P2 Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 02
October 2012
www.Acrich.com
10
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.40
0.41
0.42
0.43
0.44
0.45
0.46
0.47
0.48
0.49
CIEx
G0
G1
G2
G3
G4
G5
H0
H1
H2
H3
H4
H5
6. Color & Binning
Bin code
X
Y
Bin code
X
Y
Bin code
X
Y
G0
0.4299
0.4165
G1
0.4430
0.4212
G2
0.4248
0.4048
0.4248
0.4048
0.4374
0.4093
0.4198
0.3931
0.4374
0.4093
0.4499
0.4138
0.4317
0.3973
0.4430
0.4212
0.4562
0.4260
0.4374
0.4093
G3
0.4374
0.4093
G4
0.4198
0.3931
G5
0.4317
0.3973
0.4317
0.3973
0.4147
0.3814
0.4259
0.3853
0.4436
0.4015
0.4259
0.3853
0.4373
0.3893
0.4499
0.4138
0.4317
0.3973
0.4436
0.4015
H0
0.4562
0.4260
H1
0.4687
0.4289
H2
0.4499
0.4138
0.4499
0.4138
0.4620
0.4166
0.4436
0.4015
0.4620
0.4166
0.4740
0.4194
0.4551
0.4042
0.4687
0.4289
0.4810
0.4319
0.4620
0.4166
H3
0.4620
0.4166
H4
0.4436
0.4015
H5
0.4551
0.4042
0.4551
0.4042
0.4373
0.3893
0.4483
0.3919
0.4666
0.4069
0.4483
0.3919
0.4593
0.3944
0.4740
0.4194
0.4551
0.4042
0.4666
0.4069
6-1. Warm White Ansi binning structure range 2,600K(H) to 3,200K(G)


Número de pieza similar - SMJE-1V04W1P2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
More results

Descripción similar - SMJE-1V04W1P2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJP-1V04W1P1 SEOUL-SMJP-1V04W1P1 Datasheet
868Kb / 15P
   Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V12W1P2 SEOUL-SMJE-1V12W1P2 Datasheet
729Kb / 15P
   Acrich2 - 100V 13W Bulb Connect using a AIC directly to AC power
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
SMJP-3V04W1P1 SEOUL-SMJP-3V04W1P1 Datasheet
884Kb / 16P
   Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJE-2V12W2P4 SEOUL-SMJE-2V12W2P4 Datasheet
468Kb / 14P
   Acrich2 -12.7W Bulb Connect using a AIC directly to AC power
SMJD-1V16W1P2 SEOUL-SMJD-1V16W1P2 Datasheet
2Mb / 16P
   Acrich2 - 100V 17W Downlight Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com