Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJE-3V08W1P3 Datasheet(PDF) 4 Page - Seoul Semiconductor

No. de pieza SMJE-3V08W1P3
Descripción Electrónicos  Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJE-3V08W1P3 Datasheet(HTML) 4 Page - Seoul Semiconductor

  SMJE-3V08W1P3_13 Datasheet HTML 1Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 2Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 3Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 4Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 5Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 6Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 7Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 8Page - Seoul Semiconductor SMJE-3V08W1P3_13 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
RoHS
4
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [2]
ФV [3]
700
730
-
lm
Correlated Color
Temperature [4]
CCT
6000
6500
7000
K
CRI
Ra
80
-
-
-
Operating Voltage [5]
vopt
220
V[RMS]
Power Dissipation
PD
8.3
8.7
9.1
W
Operating Frequency
Freq
50 / 60
Hz
Power Factor
PF
Over 0.95
-
View Angle
2Θ 1/2
120
deg.
1-1-1. Electro-Optical characteristics of SMJE-3V08W1P3-A rank
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [2]
ФV [3]
700
730
-
lm
Correlated Color
Temperature [4]
CCT
5300
5600
6000
K
CRI
Ra
80
-
-
-
Operating Voltage [5]
vopt
220
V[RMS]
Power Dissipation
PD
8.3
8.7
9.1
W
Operating Frequency
Freq
50 / 60
Hz
Power Factor
PF
Over 0.95
-
View Angle
2Θ 1/2
120
deg.
1-1-2. Electro-Optical characteristics of SMJE-3V08W1P3-B rank
1. Characteristics


Número de pieza similar - SMJE-3V08W1P3_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMJE-3V08W1P3 ETC2-SMJE-3V08W1P3 Datasheet
688Kb / 17P
   Acrich2 series designed for AC drive...
More results

Descripción similar - SMJE-3V08W1P3_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJE-2V08W2P4 SEOUL-SMJE-2V08W2P4 Datasheet
462Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD12W4P3 SEOUL-SMJD-XD12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com