Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJP-1V04W1P1 Datasheet(PDF) 11 Page - Seoul Semiconductor

No. de pieza SMJP-1V04W1P1
Descripción Electrónicos  Acrich2 - 100V 4.3W MR Connect using a AIC directly to AC power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJP-1V04W1P1 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SMJP-1V04W1P1 Datasheet HTML 7Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 8Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 9Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 10Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 11Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 12Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 13Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 14Page - Seoul Semiconductor SMJP-1V04W1P1 Datasheet HTML 15Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Rev. 01
Rev. 01
June 2012
June 2012
www.Acrich.com
www.Acrich.com
11
7. Marking
8. Outline dimensions
* Notes :
[1] All dimensions are in millimeters. (Tolerance : ± 0.2)
[2] Scale : none
[3] The appearance and specifications of the product may be changed for improvement without
notice
YYMMDD: Production Date
XXXX – LED PKG Flux Rank / Color Bin Rank


Número de pieza similar - SMJP-1V04W1P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJP-2V04W1P1 SEOUL-SMJP-2V04W1P1 Datasheet
772Kb / 16P
   Acrich 2 - 120V 4.3W MR Connect using a AIC directly to AC power
SMJP-3V04W1P1 SEOUL-SMJP-3V04W1P1 Datasheet
884Kb / 16P
   Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
More results

Descripción similar - SMJP-1V04W1P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SMJP-3V04W1P1 SEOUL-SMJP-3V04W1P1 Datasheet
884Kb / 16P
   Acrich2 - 220V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V04W1P2 SEOUL-SMJE-1V04W1P2 Datasheet
708Kb / 15P
   Acrich2 - 100V 4.3W Bulb Connect using a AIC directly to AC power
SMJP-2V04W1P1 SEOUL-SMJP-2V04W1P1 Datasheet
772Kb / 16P
   Acrich 2 - 120V 4.3W MR Connect using a AIC directly to AC power
SMJE-1V12W1P2 SEOUL-SMJE-1V12W1P2 Datasheet
729Kb / 15P
   Acrich2 - 100V 13W Bulb Connect using a AIC directly to AC power
SMJD-1V16W1P2 SEOUL-SMJD-1V16W1P2 Datasheet
2Mb / 16P
   Acrich2 - 100V 17W Downlight Connect using a AIC directly to AC power
SMJE-1V08W1P2 SEOUL-SMJE-1V08W1P2 Datasheet
688Kb / 15P
   Acrich2 - 100V 8.7W Bulb Connect using a AIC directly to AC power
SMJE-3V08W2P4 SEOUL-SMJE-3V08W2P4 Datasheet
484Kb / 14P
   Acrich2 - 8.7W Bulb Connect using a AIC directly to AC power
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
SMJD-3V16W2P3 SEOUL-SMJD-3V16W2P3 Datasheet
570Kb / 14P
   Acrich2 220V 17W Module Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com