Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7447785001 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7447785001
Descripción Electrónicos  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447785001 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447785001 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447785001 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447785001 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
6,6 ± 0,1
mm
B
16,0 ± 0,3
mm
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
7,00 ± 0,1
mm
H
3,40 ± 0,1
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,1
mm
c
13,00 ± 1,0
mm
d
100,0 ± 1,0
mm
MST
04-10-11
ME
04-06-15
Name
Datum / date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Freigabe erteilt / general release:
Artikelnummer / part number :
7447785001
Kunde / customer
± 0,1
..................................................................................
Würth Elektronik eiSos GmbH & Co. KG
..................................................................................
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
I Rollenspezifikation / Tape and reel specification :
Gurtspezifikation / Tape specification:
DATUM / DATE : 2004-10-11
Rollenspezifikation / Reel specification:
http://www.we-online.de
...................................................
............................................
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Version 1
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
mm
1,50
C
Version 2
Datum / date
Unterschrift / signature
Würth Elektronik
H
G
Ø c
a
d
b
A
B
F
E
D
øC
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.
where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to
give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
SEITE 3 VON 3


Número de pieza similar - 7447785001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447785002 WURTH-7447785002 Datasheet
149Kb / 3P
   POWER-CHOKE WE-PD
7447785003 WURTH-7447785003 Datasheet
149Kb / 3P
   POWER-CHOKE WE-PD
7447785004 WURTH-7447785004 Datasheet
149Kb / 3P
   POWER-CHOKE WE-PD
logo
Microchip Technology
7447785004 MICROCHIP-7447785004 Datasheet
1Mb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
Monolithic Power System...
7447785004 MPS-7447785004 Datasheet
1Mb / 18P
   36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
More results

Descripción similar - 7447785001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com