Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SZR05A0A Datasheet(PDF) 7 Page - Seoul Semiconductor

No. de pieza SZR05A0A
Descripción Electrónicos  Z Power LED - Super high Flux output and high Luminance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEOUL [Seoul Semiconductor]
Página de inicio  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZR05A0A Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button SZR05A0A Datasheet HTML 3Page - Seoul Semiconductor SZR05A0A Datasheet HTML 4Page - Seoul Semiconductor SZR05A0A Datasheet HTML 5Page - Seoul Semiconductor SZR05A0A Datasheet HTML 6Page - Seoul Semiconductor SZR05A0A Datasheet HTML 7Page - Seoul Semiconductor SZR05A0A Datasheet HTML 8Page - Seoul Semiconductor SZR05A0A Datasheet HTML 9Page - Seoul Semiconductor SZR05A0A Datasheet HTML 10Page - Seoul Semiconductor SZR05A0A Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
7
Color Spectrum
(IF=350mA, Ta=25
℃, RH30%)
4. Characteristic diagrams
7
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength [nm]


Número de pieza similar - SZR05A0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JST Mfg. Co., Ltd.
SZRO-A021T-M0.64 JST-SZRO-A021T-M0.64 Datasheet
340Kb / 3P
   Board-to-wire
SZRO-A021T-M0.64 JST-SZRO-A021T-M0.64 Datasheet
426Kb / 6P
   Wire-to-wire Panek Mount connector
SZRO-A031T-M0.64 JST-SZRO-A031T-M0.64 Datasheet
340Kb / 3P
   Board-to-wire
SZRO-A031T-M0.64 JST-SZRO-A031T-M0.64 Datasheet
426Kb / 6P
   Wire-to-wire Panek Mount connector
More results

Descripción similar - SZR05A0A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SZG05A0A SEOUL-SZG05A0A Datasheet
810Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZB05A0A SEOUL-SZB05A0A Datasheet
806Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZM04A0A SEOUL-SZM04A0A Datasheet
340Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZFP6F0A SEOUL-SZFP6F0A Datasheet
453Kb / 23P
   Z Power LED - Super high Flux output and high Luminance
SZA05A0A SEOUL-SZA05A0A Datasheet
793Kb / 21P
   Z Power LED - Super high Flux output and high Luminance
SZ5-P SEOUL-SZ5-P Datasheet
846Kb / 22P
   Z Power LED - Super high Flux output and high Luminance
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com