Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMFT107T1 Datasheet(PDF) 6 Page - Motorola, Inc

No. de pieza MMFT107T1
Descripción Electrónicos  MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT107T1 Datasheet(HTML) 6 Page - Motorola, Inc

  MMFT107T1 Datasheet HTML 1Page - Motorola, Inc MMFT107T1 Datasheet HTML 2Page - Motorola, Inc MMFT107T1 Datasheet HTML 3Page - Motorola, Inc MMFT107T1 Datasheet HTML 4Page - Motorola, Inc MMFT107T1 Datasheet HTML 5Page - Motorola, Inc MMFT107T1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MMFT107T1
6
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
TO-261AA
H
S
F
A
B
D
G
L
4
12
3
0.08 (0003)
C
M
K
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.249
0.263
6.30
6.70
INCHES
B
0.130
0.145
3.30
3.70
C
0.060
0.068
1.50
1.75
D
0.024
0.035
0.60
0.89
F
0.115
0.126
2.90
3.20
G
0.087
0.094
2.20
2.40
H
0.0008
0.0040
0.020
0.100
J
0.009
0.014
0.24
0.35
K
0.060
0.078
1.50
2.00
L
0.033
0.041
0.85
1.05
M
0
10
0
10
S
0.264
0.287
6.70
7.30
__
_
_
CASE 318E–04
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 3:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 81–3–3521–8315
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MMFT107T1/D


Número de pieza similar - MMFT107T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMFT107T1 ONSEMI-MMFT107T1 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T1D ONSEMI-MMFT107T1D Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
More results

Descripción similar - MMFT107T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
   MEDIUM POWER TMOS FET 300 mA 60 VOLTS
MMFT2406T1 MOTOROLA-MMFT2406T1 Datasheet
90Kb / 6P
   MEDIUM POWER TMOS FET 700 mA 240 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
MTB9N25E MOTOROLA-MTB9N25E Datasheet
258Kb / 10P
   TMOS POWER FET 9.0 AMPERES 250 VOLTS
MTB20N20E MOTOROLA-MTB20N20E Datasheet
258Kb / 10P
   TMOS POWER FET 20 AMPERES 200 VOLTS
logo
ON Semiconductor
MMFT107T1 ONSEMI-MMFT107T1 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
logo
Motorola, Inc
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT1N10E MOTOROLA-MMFT1N10E Datasheet
236Kb / 10P
   MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
   TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
   TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com