Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA16S1CAA Datasheet(PDF) 6 Page - Agere Systems

No. de pieza TA16S1CAA
Descripción Electrónicos  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

TA16S1CAA Datasheet(HTML) 6 Page - Agere Systems

Back Button TA16S1CAA Datasheet HTML 2Page - Agere Systems TA16S1CAA Datasheet HTML 3Page - Agere Systems TA16S1CAA Datasheet HTML 4Page - Agere Systems TA16S1CAA Datasheet HTML 5Page - Agere Systems TA16S1CAA Datasheet HTML 6Page - Agere Systems TA16S1CAA Datasheet HTML 7Page - Agere Systems TA16S1CAA Datasheet HTML 8Page - Agere Systems TA16S1CAA Datasheet HTML 9Page - Agere Systems TA16S1CAA Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
Agere Systems Inc.
TA16-Type 2.5 Gbits/s Transponder with
Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demulitplexer
March 2001
Pin Descriptions
Table 1. TA16-Type Transponder Pinout
Pin #
Pin Name
I/O
Logic
Description
01
FGND
I
Supply
Frame Ground1
02
IPDMON
O
Analog
Receiver Photodiode Current Monitor
03
TxDGND
I
Supply
Transmitter Digital Ground
04
TxD15P
I
LVPECL
Transmitter 155 Mbits/s MSB Data Input
05
TxD15N
I
LVPECL
Transmitter 155 Mbits/s MSB Data Input
06
TxD13P
I
LVPECL
Transmitter 155 Mbits/s Data Input
07
TxD13N
I
LVPECL
Transmitter 155 Mbits/s Data Input
08
TxDGND
I
Supply
Transmitter Digital Ground
09
TxD11P
I
LVPECL
Transmitter 155 Mbits/s Data Input
10
TxD11N
I
LVPECL
Transmitter 155 Mbits/s Data Input
11
TxD09P
I
LVPECL
Transmitter 155 Mbits/s Data Input
12
TxD09N
I
LVPECL
Transmitter 155 Mbits/s Data Input
13
TxDGND
I
Supply
Transmitter Digital Ground
14
TxD07P
I
LVPECL
Transmitter 155 Mbits/s Data Input
15
TxD07N
I
LVPECL
Transmitter 155 Mbits/s Data Input
16
TxD05P
I
LVPECL
Transmitter 155 Mbits/s Data Input
17
TxD05N
I
LVPECL
Transmitter 155 Mbits/s Data Input
18
TxDGND
I
Supply
Transmitter Digital Ground
19
TxD03P
I
LVPECL
Transmitter 155 Mbits/s Data Input
20
TxD03N
I
LVPECL
Transmitter 155 Mbits/s Data Input
21
TxD01P
I
LVPECL
Transmitter 155 Mbits/s Data Input
22
TxD01N
I
LVPECL
Transmitter 155 Mbits/s Data Input
23
TxDGND
I
Supply
Transmitter Digital Ground
24
PICLKP
I
LVPECL
Byte-Aligned Parallel Input Clock at 155 MHz
25
PICLKN
I
LVPECL
Byte-Aligned Parallel Input Clock ar 155 MHz
26
LOCKDET
O
LVTTL
Lock Detect
27
TxDGND
I
Supply
Transmitter Digital Ground
28
Tx3.3D
I
Supply
Transmitter 3.3 V Digital Supply
29
Tx3.3D
I
Supply
Transmitter 3.3 V Digital Supply
30
TxAGND
I
Supply
Transmitter Analog Ground
31
Tx3.3A
I
Supply
Transmitter 3.3 V Analog Supply
32
Tx3.3A
I
Supply
Transmitter 3.3 V Analog Supply
33
TxAGND
I
Supply
Transmitter Analog Ground
34
LPM
O
Analog
Laser Power Monitor
35
LSRALRM
O
Analog
Laser Degrade Alarm
36
LSRBIAS
O
Analog
Transmitter Laser Bias Output
37
NC
No User Connection Permitted
38
DLOOP
I
LVTTL
Diagnostic Loopback
39
NC
No User Connection Permitted
40
FP
O
LVPECL
Frame Pulse
41
FRAMEN
I
LVTTL
Frame Enable
42
RxDGND
I
Supply
Receiver Digital Ground
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).


Número de pieza similar - TA16S1CAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

Descripción similar - TA16S1CAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com