Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

100329A Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 100329A
Descripción Electrónicos  Low Power Octal ECL/TTL Bidirectional Translator with Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100329A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  100329A Datasheet HTML 1Page - Fairchild Semiconductor 100329A Datasheet HTML 2Page - Fairchild Semiconductor 100329A Datasheet HTML 3Page - Fairchild Semiconductor 100329A Datasheet HTML 4Page - Fairchild Semiconductor 100329A Datasheet HTML 5Page - Fairchild Semiconductor 100329A Datasheet HTML 6Page - Fairchild Semiconductor 100329A Datasheet HTML 7Page - Fairchild Semiconductor 100329A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Don’t Care
Z
= High Impedance
[N]
= LOW-to-HIGH Clock Transition
NC
= No Change
Functional Diagram
Note: DIR and OE use ECL logic levels
Detail
Note 1: ECL input to TTL output mode.
Note 2: TTL input to ECL output mode.
Note 3: Retains data present before CP.
OE
DIR
CP
ECL
TTL
Notes
Port
Port
L
L
X
Input
Z
1, 3
L
H
X
LOW
Input
2, 3
(Cut-Off)
HL
[N]
L
L
1
HL
[N]
H
H
1
HL
L
X
NC
1, 3
HH
[N]
L
L
2
HH
[N]
H
H
2
HH
L
NC
X
2, 3


Número de pieza similar - 100329A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Fairchild Semiconductor
100329 FAIRCHILD-100329 Datasheet
111Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Lapp.
10032900 LAPP-10032900 Datasheet
126Kb / 2P
   EPIC® H-B 10 AG-LB
17.09.2018
logo
Turck, Inc.
1003291 TURCK-1003291 Datasheet
172Kb / 3P
   Inductive Sensor
11/07/2023
1003295 TURCK-1003295 Datasheet
178Kb / 3P
   Inductive Sensor
11/07/2023
More results

Descripción similar - 100329A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
F100329 NSC-F100329 Datasheet
385Kb / 16P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Fairchild Semiconductor
100329 FAIRCHILD-100329 Datasheet
111Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Fairchild Semiconductor
100328 FAIRCHILD-100328 Datasheet
140Kb / 14P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
National Semiconductor ...
F100328 NSC-F100328 Datasheet
394Kb / 16P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Texas Instruments
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5541 TI1-SN100KT5541 Datasheet
121Kb / 8P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com