Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

100390 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 100390
Descripción Electrónicos  Low Power Single Supply Hex PECL-to-TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100390 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  100390 Datasheet HTML 1Page - Fairchild Semiconductor 100390 Datasheet HTML 2Page - Fairchild Semiconductor 100390 Datasheet HTML 3Page - Fairchild Semiconductor 100390 Datasheet HTML 4Page - Fairchild Semiconductor 100390 Datasheet HTML 5Page - Fairchild Semiconductor 100390 Datasheet HTML 6Page - Fairchild Semiconductor 100390 Datasheet HTML 7Page - Fairchild Semiconductor 100390 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Logic Symbol
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Z
= HIGH Impedance
U
= Undefined
Logic Diagram
Detail
Pin Names
Description
D0–D5
Data Inputs (PECL)
D0–D5
Inverting Data Inputs (PECL)
Q0–Q5
Data Outputs (TTL)
OE
Output Enable (TTL)
VBB
Reference Voltage (PECL)
Data
Control
TTL
Comments
Inputs
Input
Outputs
(PECL)
(TTL)
Dn
Dn
OE
Qn
X
X
H
Z
Outputs Disable
L
H
L
L
Differential Operation
H
L
L
H
Differential Operation
L
L
L
U
Invalid Input States
H
H
L
U
Invalid Input States
OPEN
OPEN
L
U
Invalid Input States
LVBB
L
L
Single Ended Operation
HVBB
L
H
Single Ended Operation
VBB
L
L
H
Single Ended Operation
VBB
H
L
L
Single Ended Operation
VBB
OPEN
L
H
Single Ended Operation
OPEN
VBB
L
L
Single Ended Operation


Número de pieza similar - 100390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
10039 HEYCO-10039 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100391PC FAIRCHILD-100391PC Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100391QC FAIRCHILD-100391QC Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100391QI FAIRCHILD-100391QI Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
More results

Descripción similar - 100390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com