Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM485ARM-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADM485ARM-REEL
Descripción Electrónicos  Meets EIA RS-485 standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADM485ARM-REEL Datasheet HTML 1Page - Analog Devices ADM485ARM-REEL Datasheet HTML 2Page - Analog Devices ADM485ARM-REEL Datasheet HTML 3Page - Analog Devices ADM485ARM-REEL Datasheet HTML 4Page - Analog Devices ADM485ARM-REEL Datasheet HTML 5Page - Analog Devices ADM485ARM-REEL Datasheet HTML 6Page - Analog Devices ADM485ARM-REEL Datasheet HTML 7Page - Analog Devices ADM485ARM-REEL Datasheet HTML 8Page - Analog Devices ADM485ARM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM485
Rev. F | Page 4 of 16
TIMING SPECIFICATIONS
VCC = 5 V ± 5%, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Propagation Delay Input to Output, tPLH, tPHL
2
10
15
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 22
Driver Output to OUTPUT, tSKEW
1
5
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 22
Driver Rise/Fall Time, tR, tF
8
15
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, see Figure 22
Driver Enable to Output Valid
10
25
ns
RL = 110 Ω, CL = 50 pF, see Figure 23
Driver Disable Timing
10
25
ns
RL = 110 Ω, CL = 50 pF, see Figure 23
Matched Enable Switching |tZH − tZL|
0
2
ns
RL = 110 Ω, CL = 50 pF, see Figure 231
Matched Disable Switching |tHZ − tLZ|
0
2
ns
RL = 110 Ω, CL = 50 pF, see Figure 231
RECEIVER
Propagation Delay Input to Output, tPLH, tPHL
8
15
30
ns
CL = 15 pF, see Figure 24
Skew |tPLH − tPHL|
5
ns
CL = 15 pF, see Figure 24
Receiver Enable, tZH, tZL
5
20
ns
CL = 15 pF, RL = 1 kΩ, see Figure 25
Receiver Disable, tHZ, tLZ
5
20
ns
CL = 15 pF, RL = 1 kΩ, see Figure 25
Tx Pulse Width Distortion
1
ns
Rx Pulse Width Distortion
1
ns
1 Guaranteed by characterization.


Número de pieza similar - ADM485ARM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM485ARM-REEL AD-ADM485ARM-REEL Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485ARM-REEL7 AD-ADM485ARM-REEL7 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
More results

Descripción similar - ADM485ARM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
List of Unclassifed Man...
9841 ETC1-9841 Datasheet
39Kb / 3P
   Low Capacitance EIA RS-485
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
   Meets performance standards of EIA RS-172
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
logo
Analog Devices
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
DS36C280 NSC-DS36C280_00 Datasheet
563Kb / 9P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com