Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM485ARM-REEL Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADM485ARM-REEL
Descripción Electrónicos  Meets EIA RS-485 standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADM485ARM-REEL Datasheet HTML 1Page - Analog Devices ADM485ARM-REEL Datasheet HTML 2Page - Analog Devices ADM485ARM-REEL Datasheet HTML 3Page - Analog Devices ADM485ARM-REEL Datasheet HTML 4Page - Analog Devices ADM485ARM-REEL Datasheet HTML 5Page - Analog Devices ADM485ARM-REEL Datasheet HTML 6Page - Analog Devices ADM485ARM-REEL Datasheet HTML 7Page - Analog Devices ADM485ARM-REEL Datasheet HTML 8Page - Analog Devices ADM485ARM-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM485
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +7 V
Inputs
Driver Input (DI)
−0.3 V to VCC + 0.3 V
Control Inputs (DE, RE)
−0.3 V to VCC + 0.3 V
Receiver Inputs (A, B)
−9 V to +14 V
Outputs
Driver Outputs (A, B)
−9 V to +14 V
Receiver Output
−0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead MSOP
900 mW
θJA, Thermal Impedance
206°C/W
Power Dissipation 8-Lead PDIP
500 mW
θJA, Thermal Impedance
130°C/W
Power Dissipation 8-Lead SOIC
450 mW
θJA, Thermal Impedance
170°C/W
Operating Temperature Range
Commercial Range (J Version)
0°C to 70°C
Industrial Range (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Transmitting
Inputs
Outputs
DE
DI
B
A
1
1
0
1
1
0
1
0
0
X1
Z2
Z2
1 X = don’t care.
2 Z = high impedance.
Table 5. Receiving
RE
Input A − Input B
Output RO
0
≥ +0.2 V
1
0
≤ −0.2 V
0
0
Inputs open
1
1
X1
Z2
1 X = don’t care.
2 Z = high impedance.
ESD CAUTION


Número de pieza similar - ADM485ARM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM485ARM-REEL AD-ADM485ARM-REEL Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485ARM-REEL7 AD-ADM485ARM-REEL7 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
More results

Descripción similar - ADM485ARM-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
List of Unclassifed Man...
9841 ETC1-9841 Datasheet
39Kb / 3P
   Low Capacitance EIA RS-485
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
   Meets performance standards of EIA RS-172
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
logo
Analog Devices
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
DS36C280 NSC-DS36C280_00 Datasheet
563Kb / 9P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com