Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3390 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 2N3390
Descripción Electrónicos  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3390 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N3390 Datasheet HTML 1Page - Fairchild Semiconductor 2N3390 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 10 mA, IB = 0
25
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
25
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector-Cutoff Current
VCB = 18 V, IE = 0
100
nA
IEBO
Emitter-Cutoff Current
VEB = 5.0 V, IC = 0
100
nA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 4.5 V, IC = 2.0 mA
2N3390
2N3391/A
2N3392
2N3393
400
250
150
90
800
500
300
180
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 1.0 MHz
2.0
10
pF
hfe
Small-Signal Current Gain
IC = 2.0 mA, VCE = 4.5 V,
f = 1.0 kHz
2N3390
2N3391/A
2N3392
2N3393
400
250
150
90
1250
800
500
400
NF
Noise Figure
VCE = 4.5 V, IC = 100
µA,
RG = 500
Ω,
2N3391A only
BW = 15.7 kHz
5.0
dB
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Número de pieza similar - 2N3390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GE Solid State
2N3390 GESS-2N3390 Datasheet
131Kb / 4P
   SILICON TRANSISTORS
logo
Fairchild Semiconductor
2N3390 FAIRCHILD-2N3390 Datasheet
297Kb / 7P
   NPN General Purpose Amplifier
logo
New Jersey Semi-Conduct...
2N3390 NJSEMI-2N3390 Datasheet
70Kb / 2P
   NPN General Purpose Amplifier
logo
GE Solid State
2N3390A GESS-2N3390A Datasheet
131Kb / 4P
   SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3390A NJSEMI-2N3390A Datasheet
90Kb / 1P
   SPRINGFIELD, NEW JERSEY 07081
More results

Descripción similar - 2N3390

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com