Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSHR-2-S Datasheet(PDF) 1 Page - Major League Electronics

No. de pieza TSHR-2-S
Descripción Electrónicos  .079cl Single Row - Right Angle Terminal Strip Headers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAJOR-LEAGUE [Major League Electronics]
Página de inicio  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TSHR-2-S Datasheet(HTML) 1 Page - Major League Electronics

  TSHR-2-S Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mates with
BCSS,
BSSH,
BSSHC,
BSSQ,
BSSQC,
BSSQM,
LSMBC,
LSSHSM,
SMBC,
SSHQ,
SSHQR,
SSHR,
SSHS,
SSHSM,
ULSMBC
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Specifications
Current Rating: 3.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 500V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 10 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
S = Single Row
Pins Per Row
TSHR-2 XX
S
XX
Ordering Information
XX
LF
01 - 40
Lead Free
XXX
Pin Options
01
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
02
XX
Lock Tight "LT" Option
Leave blank if not needed
LT = With
Plating Options
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
G 10µ Gold on Contact Area / Flash on Tail
Tail With .146 Post
2.54mm
.100
3.05mm
.120
30µ Gold on Contact Area / Matte Tin on Tail
H
04
3.56mm
.140
05
4.55mm
.179
06
7.06mm
.278
08
7.57mm
.298
10
8.05mm
.317
3.05mm
.120
3.56mm
.140
4.06mm
.160
5.05mm
.199
7.57mm
.298
8.08mm
.318
8.56mm
.337
Tail With .126 Post
Post Height
A = .126 (3.20)
B = .146 (3.71)
X
Every Other Pin Filled
Leave blank if not needed
E = Filled
Gold Flash over Entire Pin
F
X
Major League Electronics .079 cl Terminal Strip Headers - Right Angle
21 FEB 07
TSHR-2-S SERIES .079cl Single Row - Right Angle
Terminal Strip Headers


Número de pieza similar - TSHR-2-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Major League Electronic...
TSHR-2-D MAJOR-LEAGUE-TSHR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Right Angle Terminal Strip Headers
More results

Descripción similar - TSHR-2-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Major League Electronic...
TSHCR-2-S MAJOR-LEAGUE-TSHCR-2-S Datasheet
79Kb / 1P
   .079cl Single Row - Custom Terminal Strip Headers - Right Angle
TSHR-2-D MAJOR-LEAGUE-TSHR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Right Angle Terminal Strip Headers
TSHCRE-2-S MAJOR-LEAGUE-TSHCRE-2-S Datasheet
96Kb / 1P
   .079cl Single Row - Custom - Elevated Terminal Strip Headers - Right Angle
TSHC-2-S MAJOR-LEAGUE-TSHC-2-S Datasheet
476Kb / 1P
   .079cl Single Row - Custom Terminal Strip Headers
TSHS-2-S MAJOR-LEAGUE-TSHS-2-S Datasheet
91Kb / 1P
   .079cl Single Row - Straight Terminal Strip Headers
TSHCR-2-D MAJOR-LEAGUE-TSHCR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Custom Terminal Strip Headers - Right Angle
TTSHR-2-D MAJOR-LEAGUE-TTSHR-2-D Datasheet
95Kb / 1P
   .079cl Dual Row - Right Angle Thicker Terminal Strip Headers
TTSHC-2-S MAJOR-LEAGUE-TTSHC-2-S Datasheet
275Kb / 1P
   .079cl Single Row - Custom Thicker Terminal Strip Headers
TTSHS-2-S MAJOR-LEAGUE-TTSHS-2-S Datasheet
234Kb / 1P
   .079cl Single Row - Standard Thicker Terminal Strip Headers
TSHC-2-T MAJOR-LEAGUE-TSHC-2-T Datasheet
269Kb / 1P
   .079cl Triple Row - Custom Terminal Strip Headers
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com