Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5313RBCPZ-RL7 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD5313RBCPZ-RL7
Descripción Electrónicos  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5313RBCPZ-RL7 Datasheet(HTML) 2 Page - Analog Devices

  AD5313RBCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5313R
Data Sheet
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Characteristics........................................................................ 4
Timing Characteristics ................................................................ 5
Daisy-Chain and Readback Timing Characteristics................ 6
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 16
Theory of Operation ...................................................................... 18
Digital-to-Analog Converter (DAC) ....................................... 18
Transfer Function ....................................................................... 18
DAC Architecture....................................................................... 18
Serial Interface ............................................................................ 19
Standalone Operation................................................................ 20
Write and Update Commands.................................................. 20
Daisy-Chain Operation ............................................................. 20
Readback Operation .................................................................. 21
Power-Down Operation............................................................ 21
Load DAC (Hardware LDAC Pin)........................................... 22
LDAC Mask Register ................................................................. 22
Hardware Reset (RESET) .......................................................... 23
Reset Select Pin (RSTSEL) ........................................................ 23
Internal Reference Setup ........................................................... 23
Solder Heat Reflow..................................................................... 23
Long-Term Temperature Drift ................................................. 23
Thermal Hysteresis .................................................................... 24
Applications Information .............................................................. 25
Microprocessor Interfacing....................................................... 25
AD5313R to ADSP-BF531 Interface ....................................... 25
AD5313R to SPORT Interface.................................................. 25
Layout Guidelines....................................................................... 25
Galvanically Isolated Interface ................................................. 25
Outline Dimensions....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
2/13—Revision 0: Initial Version


Número de pieza similar - AD5313RBCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5313RBCPZ-RL7 AD-AD5313RBCPZ-RL7 Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
More results

Descripción similar - AD5313RBCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com