Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5689R Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5689R
Descripción Electrónicos  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5689R Datasheet(HTML) 5 Page - Analog Devices

  AD5689R Datasheet HTML 1Page - Analog Devices AD5689R Datasheet HTML 2Page - Analog Devices AD5689R Datasheet HTML 3Page - Analog Devices AD5689R Datasheet HTML 4Page - Analog Devices AD5689R Datasheet HTML 5Page - Analog Devices AD5689R Datasheet HTML 6Page - Analog Devices AD5689R Datasheet HTML 7Page - Analog Devices AD5689R Datasheet HTML 8Page - Analog Devices AD5689R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5689R/AD5687R
Rev. 0 | Page 5 of 28
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise
noted. Guaranteed by design and characterization; not production tested.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments2
Output Voltage Settling Time
AD5689R
5
8
µs
¼ to ¾ scale settling to ±2 LSB
AD5687R
5
7
µs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
0.8
V/µs
Digital-to-Analog Glitch Impulse
0.5
nV-sec
1 LSB change around major carry
Digital Feedthrough
0.13
nV-sec
Digital Crosstalk
0.1
nV-sec
Analog Crosstalk
0.2
nV-sec
DAC-to-DAC Crosstalk
0.3
nV-sec
Total Harmonic Distortion (THD)3
−80
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Output Noise Spectral Density (NSD)
300
nV/√Hz
DAC code = midscale, 10 kHz; gain = 2
Output Noise
6
µV p-p
0.1 Hz to 10 Hz
Signal-to-Noise Ratio (SNR)
90
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Spurious Free Dynamic Range (SFDR)
83
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Signal-to-Noise-and-Distortion Ratio (SINAD)
80
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
1
See the Terminology section.
2
Temperature range is −40°C to +105°C, typical at 25°C.
3
Digitally generated sine wave at 1 kHz.


Número de pieza similar - AD5689R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
More results

Descripción similar - AD5689R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com