Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM6210CRSZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADuM6210CRSZ
Descripción Electrónicos  Dual-Channel Isolators with Integrated DC-to-DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM6210CRSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuM6210CRSZ Datasheet HTML 2Page - Analog Devices ADuM6210CRSZ Datasheet HTML 3Page - Analog Devices ADuM6210CRSZ Datasheet HTML 4Page - Analog Devices ADuM6210CRSZ Datasheet HTML 5Page - Analog Devices ADuM6210CRSZ Datasheet HTML 6Page - Analog Devices ADuM6210CRSZ Datasheet HTML 7Page - Analog Devices ADuM6210CRSZ Datasheet HTML 8Page - Analog Devices ADuM6210CRSZ Datasheet HTML 9Page - Analog Devices ADuM6210CRSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM6210/ADuM6211/ADuM6212
Data Sheet
Rev. 0 | Page 6 of 24
Table 9. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VISO,
0.7 VDD1
V
Logic Low Input Threshold
VIL
0.3 VISO,
0.3 VDD1
V
Logic High Output Voltages
VOH
VDD1 − 0.1,
VDD2 − 0.1
VDD1, VDD2
V
IOx = −20 µA, VIx = VIxH
VDD1 − 0.4,
VDD2 − 0.4
VDD1 − 0.2,
VDD2 − 0.2
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Undervoltage Lockout
VDD1, VDD2 ,VDDP supply
Positive Going Threshold
VUV+
2.6
V
Negative Going Threshold
VUV−
2.4
V
Hysteresis
VUVH
0.2
V
Supply Current per Channel
Quiescent Input Supply Current
IDDI(Q)
0.4
0.6
mA
Quiescent Output Supply Current
IDDO(Q)
1.2
1.7
mA
Dynamic Input Supply Current
IDDI(D)
0.08
mA/Mbps
Dynamic Output Supply Current
IDDO(D)
0.015
mA/Mbps
Input Currents per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
3
ns
10% to 90%
Common-Mode Transient
Immunity1
|CM|
25
35
kV/µs
VIx = VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
tr
1.6
µs
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VOx > 0.8 × VDD1 or 0.8 × VISO for a high input or VOx < 0.8 × VDD1 or 0.8
× VISO for a low input. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.


Número de pieza similar - ADuM6210CRSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM6210CRSZ AD-ADUM6210CRSZ Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210CRSZ-RL7 AD-ADUM6210CRSZ-RL7 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
More results

Descripción similar - ADuM6210CRSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com