Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM5211CRSZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADuM5211CRSZ-RL7
Descripción Electrónicos  Dual-Channel Isolators with Integrated DC-to-DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM5211CRSZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADuM5211CRSZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM5211CRSZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual-Channel Isolators with
Integrated DC-to-DC Converters
Data Sheet
ADuM5210/ADuM5211/ADuM5212
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
iso
Power integrated, isolated dc-to-dc converter
Regulated 3.15 V to 5.25 V output
Up to 150 mW output power
Dual dc-to-100 Mbps (NRZ) signal isolation channels
Soft start power supply
20-lead SSOP package with 5.3 mm creepage
Supports SPI up to 15 MHz
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/µs
Safety and regulatory approvals
UL recognition (pending)
2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A (pending)
VDE certificate of conformity (pending)
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
APPLICATIONS
RS-232 transceivers
Power supply start-up bias and gate drives
Isolated sensor interfaces
Industrial PLCs
FUNCTIONAL BLOCK DIAGRAM
GNDP
VIB/VOB
VIA/VOA
VDD1
GNDP
GNDP
NC
PDIS
VDDP
GNDP
VDD2
GNDISO
GNDISO
GNDISO
GNDISO
VOA/VIA
VOB/VIB
NC
VSEL
VISO
1.25V
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
19
20
18
17
11
OSC
RECT
REG
PCS
2-CHANNEL iCoupler CORE
ADuM5210/ADuM5211/
ADuM5212
Figure 1. ADuM5210/ADuM5211/ADuM5212
GENERAL DESCRIPTION
The ADuM5210/ADuM5211/ADuM52121 are dual-channel digital
isolators with isoPower®, an integrated, isolated dc-to-dc converter.
Based on the Analog Devices, Inc., iCoupler® technology, the dc-to-
dc converter provides regulated, isolated power that is adjustable
between 3.15 V and 5.25 V. Input supply voltages can range from
slightly below the required output to significantly higher. Popular
voltage combinations and their associated power levels are shown
in Table 1.
The ADuM5210/ADuM5211/ADuM5212 eliminate the need for
a separate, isolated dc-to-dc converter in low power, isolated
designs. The iCoupler chip-scale transformer technology is used for
isolated logic signals and for the magnetic components of the dc-
to-dc converter. The result is a small form factor, total isolation
solution.
iso
Power uses high frequency switching elements to transfer
power through its transformer. Take special care during printed
circuit board (PCB) layout to meet emissions standards. See the
AN-0971 Application Note for board layout recommendations.
Table 1. Power Levels
Input Voltage (V)
Output Voltage (V)
Output Power (mW)
5
5
150
5
3.3
100
3.3
3.3
66
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329. Other patents are pending.


Número de pieza similar - ADuM5211CRSZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5211CRSZ-RL7 AD-ADUM5211CRSZ-RL7 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
More results

Descripción similar - ADuM5211CRSZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com