Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5086 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 2N5086
Descripción Electrónicos  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5086 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2N5086 Datasheet HTML 1Page - Fairchild Semiconductor 2N5086 Datasheet HTML 2Page - Fairchild Semiconductor 2N5086 Datasheet HTML 3Page - Fairchild Semiconductor 2N5086 Datasheet HTML 4Page - Fairchild Semiconductor 2N5086 Datasheet HTML 5Page - Fairchild Semiconductor 2N5086 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B1, September 2003
Typical Characteristics(Continuce)
Figure 7. Gain Bandwidth Product
vs Collector Current
Figure 8. Noise Figure vs Frequency
Figure 9. Wideband Noise Frequency
vs Source Resistance
Figure 10. Power Dissipation vs
Ambient Temperature
Figure 11. Equivalent Input Noise Current
vs Collector Current
Figure 12. Equivalent Input Noise Voltage
vs Collector Current
0.1
1
10
100
0
50
100
150
200
250
300
350
I
- COLLECTOR CURRENT (mA)
V
= 5V
CE
C
µΩ
µΩ
µΩ
µ
µ
100
1000
10000
1000000
0
1
2
3
4
5
f - FREQUENCY (Hz)
V
= 5V
CE
I
= - 250
µA, R = 5.0 kΩ
C
S
I
= - 500
µA, R = 1.0 kΩ
C
S
I
= - 20
µA, R = 10 kΩ
C
S
µ
µ
µΩ
µΩ
µΩ
1,000
2,000
5,000
10,000
20,000
50,000
100,000
0
2
4
6
8
R
- SOURCE RESISTANCE ( )
V
= 5V
BANDWIDTH = 15.7 kHz
CE
I
= 10
µA
C
I
= 100
µA
C
S
µΩ
µΩ
µΩ
µ
µ
0
25
50
75
100
125
150
0
125
250
375
500
625
TEMPERATURE ( C)
o
TO-92
SOT-23
µΩ
µΩ
µΩ
µ
µ
0.001
0.01
0.1
1
0.1
0.2
0.5
1
2
5
10
I
- COLLECTOR CURRENT (mA)
V
= - 5.0V
CE
i
, f =
100
Hz
n
C
i
, f
= 1
.0 k
Hz
n
i
, f =
10 k
Hz
n
µΩ
µΩ
µΩ
µ
µ
0.001
0.01
0.1
1
0.001
0.002
0.005
0.01
0.02
0.05
0.1
I
- COLLECTOR CURRENT (mA)
V
= - 5.0V
CE
C
e
, f = 100 Hz
n
e
, f = 1.0 kHz
n
e
, f = 10 kHz
n


Número de pieza similar - 2N5086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
2N5086 SAMSUNG-2N5086 Datasheet
77Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
2N5086 MICRO-ELECTRONICS-2N5086 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
2N5086 FAIRCHILD-2N5086 Datasheet
100Kb / 9P
   PNP General Purpose Amplifier
logo
Central Semiconductor C...
2N5086 CENTRAL-2N5086 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
New Jersey Semi-Conduct...
2N5086 NJSEMI-2N5086 Datasheet
89Kb / 1P
   SI PNP LO-PWR BJT
More results

Descripción similar - 2N5086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com