Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N7052 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de Pieza. 2N7052
Descripción  NPN Darlington Transistor
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

2N7052 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN Darlington Transistor
(continued)
Typical Characteristics (continued)
Base-Emitter Saturation
Voltage vs Collector Current
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (mA)
C
β = 1000
125 °C
25 °C
- 40°C
Base Emitter ON Voltage vs
Collector Current
P06
10
100
1000
0
0.4
0.8
1.2
1.6
2
I - COLLECTOR CURRENT (mA)
C
V = 5V
CE
125 °C
25 °C
- 40°C
Collector-Cutoff Current
vs. Ambient Temperature
P06
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIENT TEMPERATURE ( C)
A
º
V
= 80V
CB
Junction Capacitance vs
Reverse Bias Voltage
0.1
1
10
100
1
10
100
REVERSE BIAS VOLTAGE (V)
C cb
C ib
Typical Collector-Emitter Leakage
Current vs Temperature
040
80
120
160
0.1
1
10
100
1000
T - JUNCTION TEMPERATURE ( C)
J
º
V
= 80V
CE
V
= 0
BE
Power Dissipation vs
Ambient Temperature
0
255075
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
TO-92
SOT-223
TO-226


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn