Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2W06G Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 2W06G
Descripción Electrónicos  2.0 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2W06G Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2W06G Datasheet HTML 1Page - Fairchild Semiconductor 2W06G Datasheet HTML 2Page - Fairchild Semiconductor 2W06G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2W005G -2 W10G, Rev. A
Glass Passivated Bridge Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
25
50
75
100
125
150
175
0
0.5
1
1.5
2
AMBIENT TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.0mm) LEAD
LENGTHS
Forward Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
FORWARD VOLTAGE (V)
Pulse Width = 300
µs
2% Duty Cycle
T = 25 C
º
A
Reverse Characteristics
0
20406080
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 125 C
º
A
Non-Repetitive Surge Current
12
5
10
20
50
100
10
20
30
40
50
60
NUMBER OF CYCLES AT 60Hz


Número de pieza similar - 2W06G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
2W06G ZOWIE-2W06G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
2W06G MIC-2W06G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W06G JGD-2W06G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
2W06G SECOS-2W06G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
2W06G DIODES-2W06G Datasheet
53Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21204 Rev. G-2
More results

Descripción similar - 2W06G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
MDDDB201S CHENDA-MDDDB201S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 2.0 Ampere
logo
Rectron Semiconductor
DRS201K RECTRON-DRS201K Datasheet
274Kb / 5P
   GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE 1000 Volts CURRENT 2.0 Ampere
2018-10 REV: C
logo
Fairchild Semiconductor
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
   1.5 Ampere Glass Passivated Bridge Rectifiers
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A FAIRCHILD-EGP20A_07 Datasheet
151Kb / 4P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Shenzhen Foster Semicon...
DB201G FOSTER-DB201G Datasheet
1Mb / 3P
   2.0 Amps Glass passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
   2.0 Amp Glass Passivated Bridge Rectifiers
2W005G SECOS-2W005G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com