Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-4502 Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
HCPL-4502 Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 12 page 5 www.fairchildsemi.com Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3 Switching Characteristics (TA = 0 to 70°C unless otherwise specified., VCC = 5 V) ** All Typicals at TA = 25°C Parameter Test Conditions Symbol Device Min Typ** Max Unit Propagation delay time to logic low TA = 25°C, (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7) TPHL 6N135 HCPL-2530 0.45 1.5 µs (RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7) TA = 25°C 6N136 HCPL-4502 HCPL-2503 HCPL-2531 0.45 0.8 µs (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7) 6N135 HCPL-2530 2.0 µs (RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7) 6N136 HCPL-4502 HCPL-2503 HCPL-2531 1.0 µs Propagation delay time to logic high TA = 25°C, (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7) TPLH 6N135 HCPL-2530 0.5 1.5 µs (RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7) TA = 25°C 6N136 HCPL-4502 HCPL-2503 HCPL-2531 0.3 0.8 µs (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7) 6N135 HCPL-2530 2.0 µs (RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7) 6N136 HCPL-4502 HCPL-2503 HCPL-2531 1.0 µs Common mode transient immunity at logic high (IF = 0 mA, VCM = 10 VP-P, RL = 4.1 kΩ) (Note 8) (Fig. 8) TA = 25°C |CMH| 6N135 HCPL-2530 10,000 V/µs (IF = 0 mA, VCM = 10 VP-P) TA = 25°C, (RL = 1.9 kΩ) (Note 8) (Fig. 8) 6N136 HCPL-4502 HCPL-2503 HCPL-2531 10,000 V/µs Common mode transient immunity at logic low (IF = 16 mA, VCM = 10 VP-P, RL = 4.1 kΩ) (Note 8) (Fig. 8) TA = 25°C |CML| 6N135 HCPL-2530 10,000 V/µs (IF = 16 mA, VCM = 10 VP-P) (RL = 1.9 kΩ) (Note 8) (Fig. 8) 6N136 HCPL-4502 HCPL-2503 HCPL-2531 10,000 V/µs |
Número de pieza similar - HCPL-4502 |
|
Descripción similar - HCPL-4502 |