Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT16373CSSC Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74ABT16373CSSC
Descripción Electrónicos  16-Bit Transparent D-Type Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16373CSSC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT16373CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16373CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16373CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16373CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16373CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16373CSSC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011666
www.fairchildsemi.com
March 1994
Revised May 2005
74ABT16373
16-Bit Transparent D-Type Latch with 3-STATE Outputs
General Description
The ABT16373 contains sixteen non-inverting latches with
3-STATE outputs and is intended for bus oriented applica-
tions. The device is byte controlled. The flip-flops appear
transparent to the data when the Latch Enable (LE) is
HIGH. When LE is LOW, the data that meets the setup time
is latched. Data appears on the bus when the Output
Enable (OE) is LOW. When OE is HIGH, the outputs are in
high Z state.
Features
s Separate control logic for each byte
s 16-bit version of the ABT373
s High impedance glitch free bus loading during entire
power up and power down cycle
s Non-destructive hot insertion capability
s Guaranteed latch-up protection
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
74ABT16373CSSC
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74ABT16373CMTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
LEn
Latch Enable Input
D0–D15
Data Inputs
O0–O15
Outputs


Número de pieza similar - 74ABT16373CSSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74ABT16373ADGGRE4 TI-74ABT16373ADGGRE4 Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74ABT16373ADGGRE4 TI-74ABT16373ADGGRE4 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74ABT16373ADGGRG4 TI-74ABT16373ADGGRG4 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16373B PHILIPS-74ABT16373B Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
74ABT16373BDGG PHILIPS-74ABT16373BDGG Datasheet
86Kb / 10P
   16-bit transparent latch 3-State
1998 Feb 27
More results

Descripción similar - 74ABT16373CSSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com