Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT273 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74ABT273
Descripción Electrónicos  Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT273 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ABT273 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT273 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: Guaranteed but not tested.
Note 5: For 8 bits toggling, ICCD  0.5 mA/MHz.
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
0.5V to 4.75V
in the HIGH State
0.5V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
500 mA
(Across Comm Operating Range)
Over Voltage Latchup
VCC  4.5V
Free Air Ambient Temperature
40qC to 85qC
Supply Voltage
4.5V to 5.5V
Minimum Input Edge Rate (
'V/'t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
2.5
VMin
IOH 3 mA
2.0
IOH 32 mA
VOL
Output LOW Voltage
0.55
V
Min
IOL 64 mA
IIH
Input HIGH Current
1
PAMax
VIN 2.7V (Note 4)
1VIN VCC
IBVI
Input HIGH Current
7
PAMax
VIN 7.0V
Breakdown Test
IIL
Input LOW Current
1
PAMax
VIN 0.5V (Note 4)
1VIN 0.0V
VID
Input Leakage Test
4.75
V
0.0
IID 1.9 PA
All Other Pins Grounded
IOS
Output Short-Circuit Current
100
275
mA
Max
VOUT
0.0V
ICEX
Output HIGH Leakage Current
50
PAMax
VOUT VCC
ICCH
Power Supply Current
50
PA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCT
Maximum ICC/Input
Outputs Enabled
1.5
mA
Max
VI VCC  2.1V
Data Input VI VCC  2.1V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
0.3
mA/
Max
Outputs Open (Note 5)
MHz
One Bit Toggling, 50% Duty Cycle


Número de pieza similar - 74ABT273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AD PHILIPS-74ABT273AD Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273ADB PHILIPS-74ABT273ADB Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273AN PHILIPS-74ABT273AN Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ABT273APW PHILIPS-74ABT273APW Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
More results

Descripción similar - 74ABT273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com