Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-LX5050USBC-TR Datasheet(PDF) 2 Page - LUMEX INC.

No. de pieza SML-LX5050USBC-TR
Descripción Electrónicos  5.0x5.0mm SML W/REFLECTOR, 470nm BLUE, WATER CLEAR, TAPE & REEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMEX [LUMEX INC.]
Página de inicio  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX5050USBC-TR Datasheet(HTML) 2 Page - LUMEX INC.

  SML-LX5050USBC-TR Datasheet HTML 1Page - LUMEX INC. SML-LX5050USBC-TR Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Número de pieza similar - SML-LX5050USBC-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LUMEX INC.
SML-LX5050USBC-TR LUMEX-SML-LX5050USBC-TR_17 Datasheet
116Kb / 2P
   5.0mm X 5.0mm SML w Reflector
More results

Descripción similar - SML-LX5050USBC-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LUMEX INC.
SML-LX5050UWC2-TR LUMEX-SML-LX5050UWC2-TR Datasheet
176Kb / 3P
   5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
SML-LX5050UWC3-TR LUMEX-SML-LX5050UWC3-TR Datasheet
176Kb / 3P
   5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
SML-LX5050SIC-TR LUMEX-SML-LX5050SIC-TR Datasheet
100Kb / 2P
   5.0x5.0mm SML W/REFLECTOR, 636nm RED, WATER CLEAR, TAPE & REEL
SML-LX5050SOC-TR LUMEX-SML-LX5050SOC-TR Datasheet
100Kb / 2P
   5.0x5.0mm SML W/REFLECTOR, 625nm ORANGE, WATER CLEAR, TAPE & REEL
SML-LX5050SIUPGUBC LUMEX-SML-LX5050SIUPGUBC Datasheet
107Kb / 2P
   5.0x5.0mm SML W/REFLECTOR, 636nm RED, 525nm GREEN, 470nm BLUE
SML-LX5050SIUPGUBC LUMEX-SML-LX5050SIUPGUBC_17 Datasheet
443Kb / 2P
   5(L)*5(W)*1.3(H)mm, SML W / REFLECTOR, AlGaInP RED / InGaN GREEN / InGaN BLUE, WATER CLEAR LENS, TAPE & REEL.
SML-LX23UWC-TR LUMEX-SML-LX23UWC-TR_17 Datasheet
415Kb / 2P
   3(L)*2(W)*1.3(H)mm, SURFACE MOUNT WITH REFLECTOR, WATER CLEAR LENS, TAPE & REEL
SML-LX0404SIUPGUSB LUMEX-SML-LX0404SIUPGUSB Datasheet
137Kb / 1P
   1.0 mm x 1.0mm P.C.B. SML, FULL COLOR, WATER CLEAR LENS, TAPE AND REEL
SML-LXL1209SIC-TR LUMEX-SML-LXL1209SIC-TR_17 Datasheet
423Kb / 2P
   3.2(L)*2.4(W)*2.6(H)mm, SML, 632nm SUPER INTENSITY RED LED, WATER CLEAR LENS, TAPE AND REEL.
SML-LXL1206GC-TR LUMEX-SML-LXL1206GC-TR Datasheet
421Kb / 2P
   3(L)*1.5(W)*1.5(H)mm, PCB SML WITH LENS, 570nm YELLOW GREEN LED, WATER CLEAR LENS, TAPE & REEL
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com