Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-LXR85SIC-TR Datasheet(PDF) 1 Page - LUMEX INC.

No. de pieza SML-LXR85SIC-TR
Descripción Electrónicos  0.5mm x 3.2mm PCB, RIGHT ANGLE SURFACE MOUNT LED, 636nm RED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMEX [LUMEX INC.]
Página de inicio  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LXR85SIC-TR Datasheet(HTML) 1 Page - LUMEX INC.

  SML-LXR85SIC-TR Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Número de pieza similar - SML-LXR85SIC-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LUMEX INC.
SML-LXR85SIC-TR LUMEX-SML-LXR85SIC-TR_17 Datasheet
160Kb / 2P
   0.5mm X 3.2mm PCB Right Angle Surface Mount Led
More results

Descripción similar - SML-LXR85SIC-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LUMEX INC.
SML-LXR85IC-TR LUMEX-SML-LXR85IC-TR Datasheet
72Kb / 1P
   0.5mm x 3.2mm PCB. RIGHT ANGLE SURFACE MOUNT LED, 635nm RED
SML-LXR85SYC-TR LUMEX-SML-LXR85SYC-TR Datasheet
69Kb / 1P
   0.5mm x 3.2mm PCB, RIGHT ANGLE SURFACE MOUNT LED
SML-LXR85UPGC-TRW2 LUMEX-SML-LXR85UPGC-TRW2 Datasheet
163Kb / 2P
   0.5mm X 3.2mm PCB Right Angle Surface Mount Led
SML-LXR85GC-TR LUMEX-SML-LXR85GC-TR_17 Datasheet
176Kb / 2P
   0.5mm X 3.2mm PCB Right Angle Surface Mount Led
SML-LXR85IC-TR LUMEX-SML-LXR85IC-TR_17 Datasheet
172Kb / 2P
   0.5mm X 3.2mm PCB Right Angle Surface Mount Led
SML-LXR85SIC-TR LUMEX-SML-LXR85SIC-TR_17 Datasheet
160Kb / 2P
   0.5mm X 3.2mm PCB Right Angle Surface Mount Led
SML-LXR85SRC-TR LUMEX-SML-LXR85SRC-TR Datasheet
72Kb / 1P
   0.5MM X 3.2MM PCB, RIGHT ANGLE SURFACE MOUNT LED
SML-LXR85USBC-TR LUMEX-SML-LXR85USBC-TR Datasheet
69Kb / 1P
   0.5mm x 3.2mm PCB, RIGHT ANGLE SURFACE MOUNT LED
SML-LXR85SOC-TR LUMEX-SML-LXR85SOC-TR_17 Datasheet
156Kb / 2P
   0.5mm X 3.2mm PCB Right Angle Surface Mount Led
SML-LXR85YC-TR LUMEX-SML-LXR85YC-TR Datasheet
176Kb / 2P
   0.5mm X 3.2mm PCB Right Angle Surface Mount Led
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com