Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT652CMTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74ABT652CMTC
Descripción Electrónicos  Octal Transceivers and Registers with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT652CMTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ABT652CMTC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 9Page - Fairchild Semiconductor 74ABT652CMTC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Extended AC Electrical Characteristics
(SOIC package):
Note 10: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.).
Note 11: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load capac-
itors in the standard AC load. This specification pertains to single output switching only.
Note 12: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load.
Note 13: The 3-STATE delay times are dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
tS(H)
Setup Time, HIGH
1.5
1.5
ns
tS(L)
or LOW Bus to Clock
tH(H)
Hold Time, HIGH
1.0
1.0
ns
tH(L)
or LOW Bus to Clock
tW(H)
Pulse Width,
3.0
3.0
ns
tW(L)
HIGH or LOW
Symbol
Parameter
TA = −40°C to +85°CTA = −40°C to +85°CTA = −40°C to +85°C
Units
VCC = 4.5V–5.5V
VCC = 4.5V–5.5V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 250 pF
CL = 250 pF
8 Outputs Switching
1 Output Switching
8 Outputs Switching
(Note 10)
(Note 11)
(Note 12)
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
5.5
2.0
7.5
2.5
10.0
ns
tPHL
Clock to Bus
1.5
5.5
2.0
7.5
2.5
10.0
tPLH
Propagation Delay
1.5
6.0
2.0
7.0
2.5
9.5
ns
tPHL
Bus to Bus
1.5
6.0
2.0
7.0
2.5
9.5
tPLH
Propagation Delay
1.5
6.0
2.0
7.5
2.5
10.0
tPHL
SBA or SAB to An or Bn
1.5
6.0
2.0
7.5
2.5
10.0
ns
tPZH
Output Enable Time
1.5
6.0
2.0
8.0
2.5
11.5
tPZL
OEBA or OEAB to An or Bn
1.5
6.0
2.0
8.0
2.5
11.5
ns
tPHZ
Output Disable Time
1.5
6.0
tPLZ
OEBA or OEAB to An or Bn
1.5
6.0
(Note 13)
(Note 13)
ns


Número de pieza similar - 74ABT652CMTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652AD PHILIPS-74ABT652AD Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74ABT652AD NXP-74ABT652AD Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652ADB PHILIPS-74ABT652ADB Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results

Descripción similar - 74ABT652CMTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com