Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4N28.3S Datasheet(PDF) 8 Page - Fairchild Semiconductor |
|
4N28.3S Datasheet(HTML) 8 Page - Fairchild Semiconductor |
8 / 15 page 6/15/05 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS Page 8 of 15 © 2005 Fairchild Semiconductor Corporation 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Fig. 15 Normalized ton vs. RBE (Black Package) Fig. 16 Normalized ton vs. RBE (White Package) RBE- BASE RESISTANCE (k Ω) RBE- BASE RESISTANCE (k Ω) 10 100 1000 10000 100000 10 100 1000 10000 100000 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCC = 10 V IC = 2 mA RL = 100 Ω VCC = 10 V IC = 2 mA RL = 100 Ω Fig. 14 Switching Speed vs. Load Resistor (White Package) R-LOAD RESISTOR (k Ω) 0.1 1 10 100 0.1 1 10 100 1000 Toff IF = 10 mA VCC = 10 V TA = 25°C Tr Ton Tf Fig. 13 Switching Speed vs. Load Resistor (Black Package) R-LOAD RESISTOR (k Ω) 0.1 1 10 100 0.1 1 10 100 1000 Toff IF = 10 mA VCC = 10 V TA = 25°C Tr Ton Tf 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 VCC = 10 V IC = 2 mA RL = 100 Ω VCC = 10 V IC = 2 mA RL = 100 Ω Fig. 17 Normalized toff vs. RBE (Black Package) 10 100 1000 10000 100000 RBE- BASE RESISTANCE (k Ω) 10 100 1000 10000 100000 RBE- BASE RESISTANCE (k Ω) Fig. 18 Normalized toff vs. RBE (White Package) |
Número de pieza similar - 4N28.3S |
|
Descripción similar - 4N28.3S |