Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74ACT125SJ Datasheet(Hoja de datos) 6 Page - Fairchild Semiconductor

No. de Pieza. 74ACT125SJ
Descripción  Quad Buffer with 3-STATE Outputs
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

   
 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M14A




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74ABT125Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ABT126Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VHC125Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVC125AQuad buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
74LVX125Low Voltage Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX125LOW VOLTAGE CMOS QUAD BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVTH125Low Voltage Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
DV74ACT125Quad Buffer with 3-State Outputs 1 2 3 4 AVG Semiconductors(HITEK)
74LVQ125Low Voltage Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl