Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74ACT16244MTD Datasheet(Hoja de datos) 2 Page - Fairchild Semiconductor

No. de Pieza. 74ACT16244MTD
Descripción  16-Bit Buffer/Line Driver with 3-STATE Outputs
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
www.fairchildsemi.com
2
Functional Description
The AC16244 and ACT16244 contain sixteen non-inverting
buffers with 3-STATE standard outputs. The device is nib-
ble (4 bits) controlled with each nibble functioning identi-
cally, but independent of the other. The control pins can be
shorted together to obtain full 16-bit operation. The
3-STATE outputs are controlled by an Output Enable (OEn)
input for each nibble. When OEn is LOW, the outputs are in
2-state mode. When OEn is HIGH, the outputs are in the
high impedance mode, but this does not interfere with
entering new data into the inputs.
Truth Tables
L
LOW Voltage Level
H
HIGH Voltage Level
X
Immaterial
Z
High Impedance
Logic Diagram
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
L
LH
H
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
L
LH
H
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
L
LH
H
HX
Z




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74LCXZ16244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ABT240Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74AVC16836A20-bit registered driver with inverted register enable and Dynamic Controlled Outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ABT2244Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54ABT16245A16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
74ABT1695216-Bit Registered Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MM74C240Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74ALVC16424516-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ALVC16244A16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl