Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC257PC Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74AC257PC
Descripción Electrónicos  Quad 2-Input Multiplexer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC257PC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74AC257PC Datasheet HTML 1Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 2Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 3Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 4Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 5Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 6Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 7Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 8Page - Fairchild Semiconductor 74AC257PC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Functional Description
The AC/ACT257 is quad 2-input multiplexer with 3-STATE
outputs. It selects four bits of data from two sources under
control of a Common Data Select input. When the Select
input is LOW, the I0x inputs are selected and when Select
is HIGH, the I1x inputs are selected. The data on the
selected inputs appears at the outputs in true (noninverted)
form. The device is the logic implementation of a 4-pole, 2-
position switch where the position of the switch is deter-
mined by the logic levels supplied to the Select input. The
logic equations for the outputs are as follows:
Za = OE • (11a • S + I0a • S)
Zb = OE • (11b • S + I0b • S)
Zc = OE • (11c • S + I0c • S)
Zd = OE • (11d • S + I0d • S)
When the Output Enable (OE) is HIGH, the outputs are
forced to a high impedance state. If the outputs are tied
together, all but one device must be in the high impedance
state to avoid high currents that would exceed the maxi-
mum ratings. Designers should ensure the Output Enable
signals to 3-STATE devices whose outputs are tied
together are designed so there is no overlap.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Output
Select
Data
Outputs
Enable
Input
Inputs
OE
SI0
I1
Z
HX
X
X
Z
LH
X
L
L
LH
X
H
H
LL
L
X
L
LL
H
X
H


Número de pieza similar - 74AC257PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74AC257 ONSEMI-74AC257 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74AC257B STMICROELECTRONICS-74AC257B Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74AC257M STMICROELECTRONICS-74AC257M Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74AC257MTR STMICROELECTRONICS-74AC257MTR Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
More results

Descripción similar - 74AC257PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257ASCX FAIRCHILD-74F257ASCX Datasheet
80Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com