Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC138 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74HC138
Descripción Electrónicos  3-to-8 line decoder/demultiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC138_12 Datasheet HTML 1Page - NXP Semiconductors 74HC138_12 Datasheet HTML 2Page - NXP Semiconductors 74HC138_12 Datasheet HTML 3Page - NXP Semiconductors 74HC138_12 Datasheet HTML 4Page - NXP Semiconductors 74HC138_12 Datasheet HTML 5Page - NXP Semiconductors 74HC138_12 Datasheet HTML 6Page - NXP Semiconductors 74HC138_12 Datasheet HTML 7Page - NXP Semiconductors 74HC138_12 Datasheet HTML 8Page - NXP Semiconductors 74HC138_12 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74HC_HCT138
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 June 2012
4 of 19
NXP Semiconductors
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
A0, A1, A2
1, 2, 3
address input A0, A1, A2
E1, E2
4, 5
enable input E1, E2 (active LOW)
E3
6
enable input E3 (active HIGH)
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7
15, 14, 13, 12, 11, 10, 9, 7
output Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7 (active LOW)
GND
8
ground (0 V)
VCC
16
positive supply voltage
Table 3.
Function table[1]
Control
Input
Output
E1
E2
E3
A2
A1
A0
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
H
XXXX
XH
H
H
H
H
H
H
H
XH
X
XX
L
L
L
H
L
L
L
HH
HH
HH
HL
L
L
H
H
HH
HH
HL
H
LH
LH
H
H
H
H
L
H
H
L
H
H
H
HH
HL
HH
H
H
L
L
H
HH
L
H
HH
H
H
L
H
H
HL
HH
HH
H
H
H
L
H
L
H
HH
HH
H
H
H
H
L
HH
HH
HH
H
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7
V
IIK
input clamping current
VI <
−0.5 V or VI >VCC +0.5 V
-
±20
mA
IOK
output clamping current
VO <
−0.5 V or VO >VCC +0.5 V
-
±20
mA
IO
output current
VO =
−0.5 V to (VCC +0.5 V)
-
±25
mA
ICC
quiescent supply current
-
50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C


Número de pieza similar - 74HC138_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74HC138S16 DIODES-74HC138S16 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
74HC138S16-13 DIODES-74HC138S16-13 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
74HC138T16 DIODES-74HC138T16 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
74HC138T16-13 DIODES-74HC138T16-13 Datasheet
193Kb / 10P
   3 TO 8 LINE DECODER DEMULTIPLEXER
More results

Descripción similar - 74HC138_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com