Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC648 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74AC648
Descripción Electrónicos  Octal Transceiver/Register with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC648 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC648 Datasheet HTML 1Page - Fairchild Semiconductor 74AC648 Datasheet HTML 2Page - Fairchild Semiconductor 74AC648 Datasheet HTML 3Page - Fairchild Semiconductor 74AC648 Datasheet HTML 4Page - Fairchild Semiconductor 74AC648 Datasheet HTML 5Page - Fairchild Semiconductor 74AC648 Datasheet HTML 6Page - Fairchild Semiconductor 74AC648 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: Voltage Range 3.3 is 3.3V
± 0.3V; Voltage Range 5.0 is 5.0V ± 0.5V
AC Operating Requirements
Note 7: Voltage Range 3.3 is 3.3V
± 0.3V; Voltage Range 5.0 is 5.0V ± 0.5V
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 6)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
10.0
15.5
1.5
17.0
ns
Clock to Bus
5.0
1.5
7.0
11.0
1.5
12.0
tPHL
Propagation Delay
3.3
1.5
8.5
13.5
1.5
14.5
ns
Clock to Bus
5.0
1.5
6.0
10.5
1.5
11.5
tPLH
Propagation Delay
3.3
1.5
6.0
10.0
1.5
11.0
ns
Bus to Bus
5.0
1.5
4.0
7.0
1.0
7.5
tPHL
Propagation Delay
3.3
1.5
5.5
9.0
1.5
10.0
ns
Bus to Bus
5.0
1.5
3.5
7.5
1.0
8.0
tPLH
Propagation Delay
3.3
1.5
7.5
12.5
1.5
14.0
SBA or SAB to An or Bn
5.0
1.5
5.5
9.0
1.5
10.0
ns
(with An or Bn HIGH or LOW)
tPHL
Propagation Delay
3.3
1.5
7.5
12.5
1.5
14.0
SBA or SAB to An or B n
5.0
1.5
5.5
9.5
1.5
10.5
ns
(with An or Bn HIGH or LOW)
tPZH
Enable Time
3.3
1.5
6.5
11.0
1.0
11.5
ns
G to An or Bn
5.0
1.5
5.0
8.0
1.0
9.0
tPZL
Enable Time
3.3
1.5
7.0
11.0
1.0
12.5
ns
G to An or Bn
5.0
1.5
5.0
8.0
1.0
9.0
tPHZ
Disable Time
3.3
1.5
7.5
12.0
1.0
13.0
ns
G to An or Bn
5.0
1.5
6.0
10.0
1.0
11.0
tPLZ
Disable Time
3.3
1.5
7.0
11.5
1.0
12.5
ns
G to An or Bn
5.0
1.5
5.5
9.0
1.0
10.0
tPZH
Enable Time
3.3
1.5
6.0
12.5
1.0
14.0
ns
DIR to An or Bn
5.0
1.5
4.5
9.5
1.0
10.5
tPZL
Enable Time
3.3
1.5
6.5
13.0
1.5
14.5
ns
DIR to An or Bn
5.0
1.5
4.5
9.0
1.0
10.5
tPHZ
Disable Time
3.3
1.5
7.0
11.5
1.0
13.5
ns
DIR to An or Bn
5.0
1.5
5.5
9.0
1.0
10.0
tPLZ
Disable Time
3.3
1.5
7.0
13.5
1.5
15.0
ns
DIR to An or Bn
5.0
1.5
5.0
9.5
1.0
10.0
VCC
TA = +25°C
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
3.3
2.0
3.0
3.5
ns
Bus to Clock
5.0
1.5
2.0
2.0
tH
Hold Time, HIGH or LOW,
3.3
−1.5
0
0
ns
Bus to Clock
5.0
−0.5
1.0
1.0
tW
Clock Pulse Width
3.3
2.0
3.5
4.0
ns
HIGH or LOW
5.0
2.0
3.0
3.0
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
65.0
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
15.0
pF
VCC = 5.0V


Número de pieza similar - 74AC648

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646SC FAIRCHILD-74AC646SC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646SPC FAIRCHILD-74AC646SPC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results

Descripción similar - 74AC648

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com