Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACQ240SCX Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74ACQ240SCX
Descripción Electrónicos  Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ240SCX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACQ240SCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 9Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
FACT Noise Characteristics
The setup of a noise characteristics measurement is critical
to the accuracy and repeatability of the tests. The following
is a brief description of the setup used to measure the
noise characteristics of FACT.
Equipment:
Hewlett Packard Model 8180A Word Generator
PC-163A Test Fixture
Tektronics Model 7854 Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50 pF,
500
Ω.
2. Deskew the HFS generator so that no two channels
have greater than 150 ps skew between them. This
requires that the oscilloscope be deskewed first. It is
important to deskew the HFS generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper load-
ing of the outputs and that the input levels are at the
correct voltage.
4. Set the HFS generator to toggle all but one output at a
frequency of 1 MHz. Greater frequencies will increase
DUT heating and affect the results of the measure-
ment.
5. Set the HFS generator input levels at 0V LOW and 3V
HIGH for ACT devices and 0V LOW and 5V HIGH for
AC devices. Verify levels with an oscilloscope.
Note 17: VOHV and VOLP are measured with respect to ground reference.
Note 18: Input pulses have the following characteristics:
f
= 1 MHz, t
r = 3ns, tf = 3 ns, skew < 150 ps.
FIGURE 1. Quiet Output Noise Voltage Waveforms
VOLP/VOLV and VOHP/V OHV:
• Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually be
the furthest from the ground pin. Monitor the output volt-
ages using a 50
Ω coaxial cable plugged into a standard
SMB type connector on the test fixture. Do not use an
active FET probe.
• Measure VOLP and VOLV on the quiet output during the
worst case transition for active and enable. Measure
VOHP and VOHV on the quiet output during the worst
case active and enable transition.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
VILD and VIHD:
• Monitor one of the switching outputs using a 50
Ω coaxial
cable plugged into a standard SMB type connector on
the test fixture. Do not use an active FET probe.
• First increase the input LOW voltage level, VIL, until the
output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input LOW voltage level at which
oscillation occurs is defined as VILD.
• Next decrease the input HIGH voltage level, VIH, until
the output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input HIGH voltage level at which
oscillation occurs is defined as VIHD.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
FIGURE 2. Simultaneous Switching Test Circuit


Número de pieza similar - 74ACQ240SCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACQ240SC FAIRCHILD-74ACQ240SC Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74ACQ240SCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541_07 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244QSCX FAIRCHILD-74ACTQ244QSCX Datasheet
110Kb / 10P
   Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com