Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

180160-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 180160-0001
Descripción Electrónicos  LED Array Holder for Cree* XLamp MP-L Array, with Lens Cover, Parallel Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

180160-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  180160-0001 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/21/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
180160-0001
Status:
Active
Overview:
LED Array Holder for Cree* Arrays
Description:
LED Array Holder for Cree* XLamp MP-L Array, with Lens Cover, Parallel Circuits
Documents:
Drawing (PDF)
Test Summary TS-180155-001 (PDF)
Product Specification PS-180160-000 (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification PK-180160-000 (PDF)
Agency Certification
UL
E345583
General
Product Family
Solid State Lighting
Series
180160
Beam Angle
N/A
Overview
LED Array Holder for Cree* Arrays
Product Name
LED Array Holder
Type
Socket Assembly
UPC
884982519763
Physical
Base Type
Direct Wire
Color Rendering Index (CRI)
N/A
Correlated Color Temp (CCT)
N/A
Flammability
94V-0
Lamp Type
Socket
Mounting Style
Screws
Net Weight
5.289/g
Packaging Type
Tray
Electrical
Lamp Wattage - Maximum
N/A
Lumens
N/A
Voltage (Fixture) - Maximum
300V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-180160-000
Product Specification
PS-180160-000
Sales Drawing
SD-180160-000
Test Summary
TS-180155-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
180160Series
This document was generated on 01/21/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 180160-0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
180160-0000 MOLEX-180160-0000 Datasheet
46Kb / 1P
   LED Array Holder for Cree* XLamp MP-L Array, without Lens Cover, Parallel Circuits
180160-0002 MOLEX-180160-0002 Datasheet
57Kb / 1P
   LED Array Holder for Cree* XLamp MP-L Array, without Lens Cover, Series Circuits
180160-0003 MOLEX-180160-0003 Datasheet
56Kb / 1P
   LED Array Holder for Cree* XLamp MP-L Array, with Lens Cover, Series Circuits
More results

Descripción similar - 180160-0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
180160-0000 MOLEX-180160-0000 Datasheet
46Kb / 1P
   LED Array Holder for Cree* XLamp MP-L Array, without Lens Cover, Parallel Circuits
180160-0003 MOLEX-180160-0003 Datasheet
56Kb / 1P
   LED Array Holder for Cree* XLamp MP-L Array, with Lens Cover, Series Circuits
180160-0002 MOLEX-180160-0002 Datasheet
57Kb / 1P
   LED Array Holder for Cree* XLamp MP-L Array, without Lens Cover, Series Circuits
180220-0000 MOLEX11-180220-0000 Datasheet
57Kb / 1P
   LED Array Holder for Cree XLamp CXA20 Arrays without Lens Cover, Gold Plating
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
180560-0001 MOLEX11-180560-0001 Datasheet
46Kb / 1P
   LED Array Holder for Cree XLamp CXA1507 and CXA1512 LED Arrays with Gold Plating
1801600003 MOLEX-1801600003 Datasheet
513Kb / 4P
   CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600000 MOLEX-1801600000 Datasheet
513Kb / 4P
   CREE MP-L EASY WHITE LED HOLDER
2009/06/18
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com