Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMSF4N01HD Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MMSF4N01HD
Descripción Electrónicos  TMOS MOSFET 5.8 AMPERES 20 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF4N01HD Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF4N01HD Datasheet HTML 1Page - Motorola, Inc MMSF4N01HD Datasheet HTML 2Page - Motorola, Inc MMSF4N01HD Datasheet HTML 3Page - Motorola, Inc MMSF4N01HD Datasheet HTML 4Page - Motorola, Inc MMSF4N01HD Datasheet HTML 5Page - Motorola, Inc MMSF4N01HD Datasheet HTML 6Page - Motorola, Inc MMSF4N01HD Datasheet HTML 7Page - Motorola, Inc MMSF4N01HD Datasheet HTML 8Page - Motorola, Inc MMSF4N01HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMSF4N01HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
0.4
0.8
0
2
4
8
TJ = 25°C
1.2
6
1.6
2
4.5 V
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
1
1.2
1.4
2.2
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
2
4
8
0.03
0.04
0.05
0.06
0.07
0
2
4
8
0.030
0.035
0.040
0.050
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. On–Resistance versus
Gate–To–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
0
2
4
12
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 25°C
VGS = 0 V
TJ = 25°C
ID = 2 A
VGS = 2.7 V
VGS = 4.5 V
ID = 4 A
1.6
1.8
2
6
4.5 V
– 50
– 25
0
25
50
75
100
125
150
TJ = 125°C
10
8
10
100
°C
0
2
4
8
6
25
°C
100
°C
TJ = – 55°C
0.045
6
6
0.2
0.6
1
1.4
1.8
VGS = 8 V
3.1 V
2.7 V
2.5 V
2.3 V
2.1 V
1.9 V
1.5 V
1.7 V
1.3 V
0
0.5
1
2
1.5


Número de pieza similar - MMSF4N01HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMSF4N01HD ONSEMI-MMSF4N01HD Datasheet
257Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF4N01HDR2 ONSEMI-MMSF4N01HDR2 Datasheet
257Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Descripción similar - MMSF4N01HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
   DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
   DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
   SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
   DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
   SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
MMSF5P02HD MOTOROLA-MMSF5P02HD Datasheet
208Kb / 12P
   SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
   DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3N02HD MOTOROLA-MMDF3N02HD Datasheet
297Kb / 10P
   DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com