Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X0202NA2BL2 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza X0202NA2BL2
Descripción Electrónicos  1.25 A sensitive gate SCR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202NA2BL2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button X0202NA2BL2 Datasheet HTML 3Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 4Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 5Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 6Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 7Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 8Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 9Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 10Page - STMicroelectronics X0202NA2BL2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
X02
10/11
Doc ID 7480 Rev 4
4
Ordering information
5
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
X0202MA 1BA2
X0202 MA
TO-92
0.2 g
2500
Bulk
X0202MA 2BL2
X0202 MA
TO-92
0.2 g
2000
Ammopack
X0202MN5BA4
X2M
SOT-223
0.12 g
1000
Tape and reel
X0202NA 1BA2
X0202 NA
TO-92
0.2 g
2500
Bulk
X0202NA 2BL2
X0202 NA
TO-92
0.2 g
2000
Ammopack
X0202NN5BA4
X2N
SOT-223
0.12 g
1000
Tape and reel
X0205MA 1BA2
X0205 MA
TO-92
0.2 g
2500
Bulk
X0205MA 2BL2
X0205 MA
TO-92
0.2 g
2000
Ammopack
X0205NA 1BA2
X0205 NA
TO-92
0.2 g
2500
Bulk
X0202NUF
X2N
SMBflat-3L
46.914 mg
5000
Tape and reel
Table 10.
Document revision history
Date
Revision
Changes
Sep-2000
3
Previous issue
14-Jan-2011
4
Added SMBflat-3L package and ECOPACK statement.


Número de pieza similar - X0202NA2BL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
X0202NA2BL2 STMICROELECTRONICS-X0202NA2BL2 Datasheet
147Kb / 6P
   1.25A SCRs
More results

Descripción similar - X0202NA2BL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com