Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ACTQ16244MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74ACTQ16244MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 7 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, with- out exception to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT ¥ circuits outside databook specifications. DC Electrical Characteristics Note 2: All outputs loaded; thresholds associated with output under test. Note 3: Maximum test duration 2.0 ms; one output loaded at a time. Note 4: Worst case package. Note 5: Maximum number of outputs that can switch simultaneously is n. (n 1) outputs are switched LOW and one output held LOW. Note 6: Maximum number of outputs that can switch simultaneously is n. (n 1) outputs are switched HIGH and one output held HIGH. Note 7: Max number of data inputs (n) switching. (n 1) input switching 0V to 3V input under test switching 3V to threshold (VILD) Supply Voltage (VCC) 0.5V to 7.0V DC Input Diode Current (IIK) VI 0.5V 20 mA VI VCC 0.5V 20 mA DC Output Diode Current (IOK) VO 0.5V 20 mA VO VCC 0.5V 20 mA DC Output Voltage (VO) 0.5V to VCC 0.5V DC Output Source/Sink Current (IO) r50 mA DC VCC or Ground Current per Output Pin r50 mA Junction Temperature 140qC Storage Temperature 65qC to 150qC Supply Voltage (VCC) 4.5V to 5.5V Input Voltage (VI)0V to VCC Output Voltage (VO)0V to VCC Operating Temperature (TA) 40qC to 85qC Minimum Input Edge Rate ( 'V/'t) 125 mV/ns VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units Conditions (V) Typ Guaranteed Limits VIH Minimum HIGH 4.5 1.5 2.0 2.0 V VOUT 0.1V Input Voltage 5.5 1.5 2.0 2.0 or VCC 0.1V VIL Maximum LOW 4.5 1.5 0.8 0.8 V VOUT 0.1V Input Voltage 5.5 1.5 0.8 0.8 or VCC 0.1V VOH Minimum HIGH 4.5 4.49 4.4 4.4 VIOUT 50 PA Output Voltage 5.5 5.49 5.4 5.4 VIN VIL or VIH 4.5 3.86 3.76 V IOH 24 mA 5.5 4.86 4.76 IOH 24 mA (Note 2) VOL Maximum LOW 4.5 0.001 0.1 0.1 VIOUT 50 PA Output Voltage 5.5 0.001 0.1 0.1 VIN VIL or VIH 4.5 0.36 0.44 V IOH 24 mA 5.5 0.36 0.44 IOH 24 mA (Note 2) IOZ Maximum 3-STATE 5.5 r 0.5 r 5.0 PAVI VIL, VIH Leakage Current VO VCC, GND IIN Maximum Input Leakage Current 5.5 r 0.1 r 1.0 PAVI VCC, GND ICCT Maximum ICC/Input 5.5 0.6 1.5 mA VI VCC 2.1V ICC Max Quiescent Supply Current 5.5 8.0 80.0 PAVIN VCC or GND (Note 6) IOLD Minimum Dynamic 5.5 75 mA VOLD 1.65V Max IOHD Output Current (Note 3) 75 mA VOHD 3.85V Min VOLP Quiet Output Maximum Dynamic VOL 5.0 0.5 0.8 V Figure 1, Figure 2 (Note 5)(Note 6) VOLV Quiet Output Minimum Dynamic VOL 5.0 0.5 1.0 V Figure 1, Figure 2 (Note 5)(Note 6) VOHP Maximum Overshoot 5.0 VOH 1.0 VOH 1.5 V (Note 4)(Note 6) VOHV Minimum VCC Droop 5.0 VOH 1.0 VOH 1.8 V (Note 4)(Note 6) VIHD Minimum HIGH Dynamic Input Voltage Level 5.0 1.7 2.0 V (Note 4)(Note 7) VILD Maximum LOW Dynamic Input Voltage Level 5.0 1.2 0.8 V (Note 4)(Note 7) |
Número de pieza similar - 74ACTQ16244MTD |
|
Descripción similar - 74ACTQ16244MTD |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |