Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC16374MTD Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 74ALVC16374MTD
Descripción Electrónicos  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16374MTD Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74ALVC16374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC16374MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA54A


Número de pieza similar - 74ALVC16374MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74ALVC16374 ONSEMI-74ALVC16374 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVC16374DTR ONSEMI-74ALVC16374DTR Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
More results

Descripción similar - 74ALVC16374MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA574FK TOSHIBA-TC7MA574FK Datasheet
331Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA374FK TOSHIBA-TC7MA374FK Datasheet
330Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2374FK TOSHIBA-TC7MA2374FK Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA2574FX TOSHIBA-TC7MA2574FX Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX2574FT TOSHIBA-TC74VCX2574FT Datasheet
340Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX374FT TOSHIBA-TC74VCX374FT Datasheet
334Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com