Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMSF7N03Z Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MMSF7N03Z
Descripción Electrónicos  SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7N03Z Datasheet(HTML) 2 Page - Motorola, Inc

  MMSF7N03Z Datasheet HTML 1Page - Motorola, Inc MMSF7N03Z Datasheet HTML 2Page - Motorola, Inc MMSF7N03Z Datasheet HTML 3Page - Motorola, Inc MMSF7N03Z Datasheet HTML 4Page - Motorola, Inc MMSF7N03Z Datasheet HTML 5Page - Motorola, Inc MMSF7N03Z Datasheet HTML 6Page - Motorola, Inc MMSF7N03Z Datasheet HTML 7Page - Motorola, Inc MMSF7N03Z Datasheet HTML 8Page - Motorola, Inc MMSF7N03Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMSF7N03Z
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk
≥ 2.0)
(1) (3)
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
35
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
0.03
0.15
2.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 15 Vdc, VDS = 0)
IGSS
1.3
5.0
µAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(Cpk
≥ 2.0)
(1) (3)
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
2.0
5.5
3.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 2.0)
(1) (3)
(VGS = 10 Vdc, ID = 7.5 Adc)
(VGS = 4.5 Vdc, ID = 3.8 Adc)
RDS(on)
22
30
30
40
m
Forward Transconductance (VDS = 3.0 Vdc, ID = 3.8 Adc)
(1)
gFS
4.0
9.5
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
24 Vdc V
0 Vdc
Ciss
750
1500
pF
Output Capacitance
(VDS = 24 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
340
680
Transfer Capacitance
f = 1.0 MHz)
Crss
45
90
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
15 Vd
I
5 0 Ad
td(on)
40
80
ns
Rise Time
(VDS = 15 Vdc, ID = 5.0 Adc,
tr
90
180
Turn–Off Delay Time
( DS
, D
,
VGS = 10 Vdc, RG = 6 Ω) (1)
td(off)
470
940
Fall Time
tf
170
340
Turn–On Delay Time
(V
15 Vd
I
5 0 Ad
td(on)
120
240
ns
Rise Time
(VDD = 15 Vdc, ID = 5.0 Adc,
tr
350
700
Turn–Off Delay Time
( DD
, D
,
VGS = 4.5 Vdc, RG = 6 Ω) (1)
td(off)
430
860
Fall Time
tf
140
280
Gate Charge
(V
24 Vd
I
5 0 Ad
QT
34
48
nC
(VDS = 24 Vdc, ID = 5.0 Adc,
Q1
3.5
( DS
, D
,
VGS = 10 Vdc) (1)
Q2
9.5
Q3
6.5
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage(1)
(IS = 7.5 Adc, VGS = 0 Vdc) (1)
(IS = 7.5 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.83
0.67
1.6
Vdc
Reverse Recovery Time
(I
7 5 Adc V
0 Vdc
trr
110
ns
(IS = 7.5 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs) (1)
ta
22
dIS/dt = 100 A/µs) (1)
tb
90
Reverse Recovery Storage Charge
QRR
0.17
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA


Número de pieza similar - MMSF7N03Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMSF7N03Z ONSEMI-MMSF7N03Z Datasheet
283Kb / 11P
   N?묬hannel SO?? Power MOSFET
August, 2006 ??Rev. 2
MMSF7N03ZR2 ONSEMI-MMSF7N03ZR2 Datasheet
283Kb / 11P
   N?묬hannel SO?? Power MOSFET
August, 2006 ??Rev. 2
More results

Descripción similar - MMSF7N03Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
   TMOS POWER 6.0 AMPERES 30 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3300 MOTOROLA-MMSF3300 Datasheet
229Kb / 12P
   SINGLE TMOS POWER MOSFET 30 VOLTS
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
   SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com