Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC2245WM Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74ALVC2245WM
Descripción Electrónicos  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC2245WM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ALVC2245WM Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC2245WM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
2.7 - 3.6
750
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5 ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay
1.14.9
1.36.1
0.85.6
1.59.8
ns
A to B
Propagation Delay
1.14.0
1.34.7
0.84.2
1.58.4
B to A
tPZL, tPZH
Output Enable Time
1.15.5
1.37.1
0.86.6
1.59.8
ns
A to B
Output Enable Time
1.15.0
1.36.1
0.85.6
1.59.8
B to A
tPLZ, tPHZ
Output Disable Time
1.14.7
1.35.2
0.84.7
1.58.5
ns
A to B
Output Disable Time
1.14.1
1.34.5
0.84.0
1.57.2
B to A
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
VI = 0V or VCC
3.3
6
pF
CIO
Input, Output Capacitance
VO = 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
= 10 MHz, C
L = 50 pF
3.3
20
pF
2.5
20


Número de pieza similar - 74ALVC2245WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ALVC2245WM FAIRCHILD-74ALVC2245WM Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results

Descripción similar - 74ALVC2245WM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com