Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4733A Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

No. de pieza 1N4733A
Descripción Electrónicos  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Página de inicio  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1N4733A Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1N4733A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N4733A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N4733A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
1N4758A
1N4759A
1N4760A
1N4761A
1N4762A
1N4763A
1N4764A
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
76
69
64
58
53
49
45
41
37
34
31
28
25
23
21
19
17
15.5
14
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
3.0
2.8
2.5
400
400
400
400
500
550
600
700
700
700
700
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
3000
3000
100
100
50
10
10
10
10
10
10
10
10
10
10
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56.0
62.2
69.2
76.0
276
252
234
217
193
178
162
146
133
121
110
100
91
83
76
69
61
57
50
45
41
38
34
30
27
25
23
22
19
18
16
14
13
12
11
10
9
Device Type
Nominal
Zener
Voltage
Vz@IZT
Test
Current
IZT
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK
Maximum
Regulator
Current
IZM
Maximum Reverse
Leakage Current
µA
mA
IR
@VR
Volts
10
10
9.0
9.0
8.0
7.0
5.0
2.0
3.5
4.0
4.5
5.0
7.0
8.0
9.0
10
14
16
20
22
23
25
35
40
45
50
60
70
80
95
110
125
150
175
200
250
350
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
Ohms
Ohms
Volts
mA
Max.Surge
Current
IR@25 C
1380
1260
1170
1085
965
890
810
730
660
605
550
500
454
414
380
344
304
285
250
225
205
190
170
150
135
125
115
110
95
90
80
70
65
60
55
50
45
mA
mA
IZK
Note 1: Suffix “A” indicate +5% tolerance
MDD ELECTRONIC


Número de pieza similar - 1N4733A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
1N4733A CHONGQING-1N4733A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
NXP Semiconductors
1N4733A PHILIPS-1N4733A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4733A VISHAY-1N4733A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
Rugao Dachang Electroni...
1N4733A DACHANG-1N4733A Datasheet
121Kb / 2P
   High stability and high reliability
logo
List of Unclassifed Man...
1N4733A ETC1-1N4733A Datasheet
16Kb / 1P
   Zener Diodes
More results

Descripción similar - 1N4733A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com