Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N5228B Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
|
1N5228B Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd. |
1 / 3 page 1N52-SERIES ZENER DIODES Zener Voltage: 2.4-56V Peak Pulse Power: 500mW Case: JEDEC DO-35(GLASS) molded glass body Terminals : Plated leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.05 ounce,0.14 grams FEATURE MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS C Zener Current see Table Characteristics Power Dissipation at Tamb=25 C(Note 1) Junction Temperature Storage Temperature Range Thermal resistance junction ambient(Note 1) Forward voltage at IF=200mA SYMBOLS UNITS VALUE mW K/mW V Ratings at 25 C ambient temperature unless otherwise specified. Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature Ptot Tj TSTG RθJA VF C 500 200 -65 to + 200 0.3 1.1 0.079(2.0) MAX 0.018(0.45) TYP 0.165 (4.2) 0.138 (3.5) 1.0 2(26.0) MIN. 1.0 2(26.0) MIN. Dimensions in inches and (millimeters) DO-35(GLASS) Low zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260 C/10S/9.5mm lead length at 5 lbs tension MDD ELECTRONIC MDD Catalog Number |
Número de pieza similar - 1N5228B |
|
Descripción similar - 1N5228B |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |