Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N253SD Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 4N253SD
Descripción Electrónicos  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N253SD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  4N253SD Datasheet HTML 1Page - Fairchild Semiconductor 4N253SD Datasheet HTML 2Page - Fairchild Semiconductor 4N253SD Datasheet HTML 3Page - Fairchild Semiconductor 4N253SD Datasheet HTML 4Page - Fairchild Semiconductor 4N253SD Datasheet HTML 5Page - Fairchild Semiconductor 4N253SD Datasheet HTML 6Page - Fairchild Semiconductor 4N253SD Datasheet HTML 7Page - Fairchild Semiconductor 4N253SD Datasheet HTML 8Page - Fairchild Semiconductor 4N253SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
6/15/05
Page 5 of 15
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
* Typical values at TA = 25°C
AC Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Turn-off Time
(IF = 10 mA, VCC = 10 V, RL = 100Ω)
(Fig.20)
TOFF
4N25
4N26
4N27
4N28
H11A1
H11A2
H11A3
H11A4
H11A5
2
µs
(IC = 2 mA, VCC = 10 V, RL = 100Ω)
(Fig.20)
4N35
4N36
4N37
210
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.) (Continued)


Número de pieza similar - 4N253SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
AVAGO TECHNOLOGIES LIMI...
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
Guangdong Youtai Semico...
4N25 UMW-4N25 Datasheet
905Kb / 8P
   The 4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38 series combine an AlGaAs infrared emitting diode as the emitter which is optically coupled to a silicon planar phototransistor detector in a plastic DIP6 package with different lead forming options.
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
More results

Descripción similar - 4N253SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com