Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F169PC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74F169PC
Descripción Electrónicos  4-Stage Synchronous Bidirectional Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F169PC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F169PC Datasheet HTML 1Page - Fairchild Semiconductor 74F169PC Datasheet HTML 2Page - Fairchild Semiconductor 74F169PC Datasheet HTML 3Page - Fairchild Semiconductor 74F169PC Datasheet HTML 4Page - Fairchild Semiconductor 74F169PC Datasheet HTML 5Page - Fairchild Semiconductor 74F169PC Datasheet HTML 6Page - Fairchild Semiconductor 74F169PC Datasheet HTML 7Page - Fairchild Semiconductor 74F169PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V (except CET)
−1.2
VIN = 0.5V (CET)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCL
Power Supply Current
35
52
mA
Max
VO = LOW


Número de pieza similar - 74F169PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F169PC NSC-74F169PC Datasheet
160Kb / 8P
   4-Stage Synchronous Bidirectional Counter
More results

Descripción similar - 74F169PC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54F169DM NSC-54F169DM Datasheet
160Kb / 8P
   4-Stage Synchronous Bidirectional Counter
54AC169 NSC-54AC169 Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
logo
Fairchild Semiconductor
74AC169 FAIRCHILD-74AC169 Datasheet
103Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
Texas Instruments
54ACT169 TI1-54ACT169 Datasheet
213Kb / 11P
[Old version datasheet]   4-Stage Synchronous Bidirectional Counter
logo
NXP Semiconductors
74F569 PHILIPS-74F569 Datasheet
130Kb / 14P
   4-bit bidirectional binary synchronous counter 3-State
1996 Jan 05
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com