Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F175SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74F175SC
Descripción Electrónicos  Quad D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F175SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F175SC Datasheet HTML 1Page - Fairchild Semiconductor 74F175SC Datasheet HTML 2Page - Fairchild Semiconductor 74F175SC Datasheet HTML 3Page - Fairchild Semiconductor 74F175SC Datasheet HTML 4Page - Fairchild Semiconductor 74F175SC Datasheet HTML 5Page - Fairchild Semiconductor 74F175SC Datasheet HTML 6Page - Fairchild Semiconductor 74F175SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICC
Power Supply Current
22.5
34.0
mA
Max
CP
= 
Dn = MR = HIGH


Número de pieza similar - 74F175SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74F175 TI-74F175 Datasheet
359Kb / 12P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
logo
NXP Semiconductors
74F175A PHILIPS-74F175A Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
74F175AD PHILIPS-74F175AD Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
74F175AN PHILIPS-74F175AN Datasheet
82Kb / 10P
   Quad D flip-flop
1996 Mar 12
More results

Descripción similar - 74F175SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com